Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDA1330ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UDA1330ATS
Description  Low-cost stereo filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1330ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  UDA1330ATS Datasheet HTML 1Page - NXP Semiconductors UDA1330ATS Datasheet HTML 2Page - NXP Semiconductors UDA1330ATS Datasheet HTML 3Page - NXP Semiconductors UDA1330ATS Datasheet HTML 4Page - NXP Semiconductors UDA1330ATS Datasheet HTML 5Page - NXP Semiconductors UDA1330ATS Datasheet HTML 6Page - NXP Semiconductors UDA1330ATS Datasheet HTML 7Page - NXP Semiconductors UDA1330ATS Datasheet HTML 8Page - NXP Semiconductors UDA1330ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2000 Apr 18
3
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1330ATS
QUICK REFERENCE DATA
Note
1. The output voltage scales linearly with the power supply voltage.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDDA
DAC analog supply voltage
2.7
5.0
5.5
V
VDDD
digital supply voltage
2.7
5.0
5.5
V
IDDA
DAC analog supply current
VDDA = 5.0 V
operating
−
9.5
−
mA
power-down
−
400
−µA
VDDA = 3.3 V
operating
−
7.0
−
mA
power-down
−
250
−µA
IDDD
digital supply current
VDDD = 5.0 V
−
5.5
−
mA
VDDD = 3.3 V
−
3.0
−
mA
Tamb
ambient temperature
−40
−
+85
°C
Digital-to-analog converter (VDDA =VDDD = 5.0 V)
Vo(rms)
output voltage (RMS value)
note 1
−
1.45
−
V
(THD + N)/S
total harmonic distortion-plus-noise to
signal ratio
at 0 dB
−−90
−85
dB
at
−60 dB; A-weighted
−−40
−35
dB
S/N
signal-to-noise ratio
code = 0; A-weighted
−
+100
−95
dB
α
cs
channel separation
−
100
−
dB
Digital-to-analog converter (VDDA =VDDD = 3.3 V)
Vo(rms)
output voltage (RMS value)
note 1
−
1.0
−
V
(THD + N)/S
total harmonic distortion-plus-noise to
signal ratio
at 0 dB
−−85
−
dB
at
−60 dB; A-weighted
−−38
−
dB
S/N
signal-to-noise ratio
code = 0; A-weighted
−
100
−
dB
α
cs
channel separation
−
100
−
dB
Power dissipation
P
power dissipation
playback mode
VDDA =VDDD = 5.0 V
−
75
−
mW
VDDA =VDDD = 3.3 V
−
33
−
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com