Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6908 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
3
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 5V, TJ = -40°C~125°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Management Section
VDD UVLO rising
3.55
3.75
3.95
V
VDD UVLO hysteresis
0.1
0.2
0.3
V
VDD maximum charging
current
IVDD
VDD = 7V, HVC = 40V
35
70
110
mA
VDD = 4V, VD = 30V
20
40
60
VDD regulation voltage
VD = 12V, HVC = 12V
8.5
9
9.5
V
HVC = 3V, VD = 12V
4.6
5
5.4
Operating current
ICC
VDD = 9V, CLOAD = 2.2nF,
FSW = 100kHz
2.9
3.5
mA
VDD = 5V, CLOAD = 2.2nF,
FSW = 100kHz
1.72
2.1
mA
Quiescent current
Iq(VDD)
VDD = 5V
100
130
µA
Shutdown current
ISD(VDD)
VDD = UVLO - 0.1V
100
µA
Control Circuitry Section
Forward regulation voltage
(VSS - VD)
Vfwd
25
40
55
mV
Turn-on threshold (VDS)
-115
-86
-57
mV
Turn-off threshold (VSS - VD)
-6
3
12
mV
Turn-on delay
TDon
CLOAD = 2.2nF
30
50
ns
Turn-off delay
TDoff
CLOAD = 2.2nF
25
45
ns
Turn-off propagation delay(5)
15
ns
Turn-on blanking time
TB-ON
CLOAD = 2.2nF
0.75
1.1
1.45
µs
Turn-off blanking threshold
(VDS)
VB-OFF
2
2.5
3
V
Turn-off threshold during
minimum on time (VDS)
1.3
1.8
2.1
V
Turn-on slew rate detection
timer
TSLEW
RSLEW = 400k
Ω
65
90
115
ns
Gate Driver Section
VG (low)
VG-L
ILOAD = 10mA
0.01
0.02
V
VG (high)
VG-H
ILOAD = 0mA
4.9
V
Maximum source current (5)
0.5
A
Maximum sink current (5)
3
A
Pull-down impedance
Same as VG (low)
1
2
Ω
NOTE:
5) Guaranteed by characterization and design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com