Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6908 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems MP6908 Datasheet HTML 11Page - Monolithic Power Systems MP6908 Datasheet HTML 12Page - Monolithic Power Systems MP6908 Datasheet HTML 13Page - Monolithic Power Systems MP6908 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
10
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Slew Rate Detection Function
In DCM operations, the demagnetizing ringing
may bring VDS down below 0V. If Vds reaches
the turn-on threshold during the ringing, SR
controllers without the slew rate detection
function may turn on the MOSFET by mistake.
Figure 3 shows the waveform of this false turn-
on situation. This does not only increase power
loss, but may also lead to shoot through if the
primary side FET is turned on within the
minimum on time.
Figure 3: False Turn-on
(Without slew rate detection)
Considering the slew rate of the ringing is
always much less than that when the primary
MOSFET is really turned off, this false turn-on
situation can be prevented by the slew rate
detection function, as shown in Figure 4. When
the slew rate is less than the threshold set by
the RSLEW, the IC does not turn on the gate even
when VDS reaches the turn-on threshold.
Figure 4: Prevent the False Turn-on
(With slew rate detection)
External resistor on VD and HVC
Over voltage conditions may lead to damage on
the device, so there has to be appropriate
application design to guarantee safe operation,
especially on the high voltage pin.
One of the common over voltage conditions is
when the body diode of the SR MOSFET is
turned on, the forward voltage drop may exceed
the negative rating on the VD pin. In this case,
an external resistor is commended to be placed
between VD and Drain of the MOSFET. In
general, the resistance is recommended to be
no less than 300
Ω.
On the other hand, this resistor cannot be too
large, either, because it compromises the VDD
supply and slow down the slew rate on the VDS
detection. In general, it is not recommended to
use any resistance larger than 1k
Ω, but for
each practical case, it should be checked based
on the condition of VDD supply and the slew
rate.
In the applications where HVC may also suffer
from a negative voltage bias (e.g. in a high-side
set-up without auxiliary winding), there should
also be the same resistance be placed on HVC
externally. If a block diode is used, it is
recommended that the reverse recovery time
be less than 250ns.
Typical System Implementations
Figure
5
shows
the
typical
system
implementation for the IC power supply derived
from
the
output
voltage
(VOUT),
which
is
available in low-side rectification.
VD
VSS
SLEW
VG
VDD
HVC
MP6908
Figure 5: Low-Side Rectification
The MP6908 can support most applications,
even when VOUT is down to 0V for low-side
rectification.
If the MP6908 is used for high-side rectification,
a self-supply can be achieved three ways (see
Figure 6-A, Figure 6-B, and Figure 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com