Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6908 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6908
Description  Fast Turn-Off Intelligent Rectifier with No Need for Auxiliary Winding
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems MP6908 Datasheet HTML 5Page - Monolithic Power Systems MP6908 Datasheet HTML 6Page - Monolithic Power Systems MP6908 Datasheet HTML 7Page - Monolithic Power Systems MP6908 Datasheet HTML 8Page - Monolithic Power Systems MP6908 Datasheet HTML 9Page - Monolithic Power Systems MP6908 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP6908- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6908 Rev. 1.2
www.MonolithicPower.com
6
9/14/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Operation in 36W Flyback
Application
VIN = 110VAC, VOUT = 12V, IOUT = 3A,
HVC connected to VD
Operation in 36W Flyback
Application
VIN = 220VAC, VOUT = 12V, IOUT = 3A,
HVC connected to VD
CH1: VDS
20V/div.
CH3: VDD
5V/div.
CH2: VGS
5V/div.
CH1: VDS
20V/div.
CH3: VDD
5V/div.
CH2: VGS
5V/div.
10µs/div.
10µs/div.
Operation in 36W Flyback
Application
VIN = 110VAC, VOUT = 12V, IOUT = 3A
HVC connected to VSS
Operation in 36W Flyback
Application
VIN = 220VAC, VOUT = 12V, IOUT = 3A
HVC connected to VSS
CH1: VDS
20V/div.
CH3: VDD
5V/div.
CH2: VGS
5V/div.
CH1: VDS
20V/div.
CH3: VDD
5V/div.
CH2: VGS
5V/div.
10µs/div.
10µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com