Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4397 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CDB4397
Description  24-Bit, Multi-Standard D/A Converter for Digital Audio
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4397 Datasheet(HTML) 1 Page - Cirrus Logic

  CDB4397 Datasheet HTML 1Page - Cirrus Logic CDB4397 Datasheet HTML 2Page - Cirrus Logic CDB4397 Datasheet HTML 3Page - Cirrus Logic CDB4397 Datasheet HTML 4Page - Cirrus Logic CDB4397 Datasheet HTML 5Page - Cirrus Logic CDB4397 Datasheet HTML 6Page - Cirrus Logic CDB4397 Datasheet HTML 7Page - Cirrus Logic CDB4397 Datasheet HTML 8Page - Cirrus Logic CDB4397 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
1
Copyright
© Cirrus Logic, Inc. 2004
(All Rights Reserved)
http://www.cirrus.com
CS4397
24-Bit, Multi-Standard D/A Converter for Digital Audio
Features
24 Bit Conversion
Up to 192 kHz Sample Rates
120 dB Dynamic Range
-100 dB THD+N
Supports PCM, DSD and External
Interpolation filters
Advanced Dynamic-Element Matching
Low Clock Jitter Sensitivity
Digital De-emphasis for 32 kHz, 44.1 kHz and
48 kHz
External Reference Input
Description
The CS4397 is a complete high performance 24-bit
48/96/192 kHz stereo digital-to-analog conversion sys-
tem. The device includes a digital interpolation filter
followed by a oversampled multi-bit delta-sigma modula-
tor which drives dynamic-element-matching (DEM)
selection logic. The output from the DEM block controls
the input to a multi-element switched capacitor DAC/low-
pass filter, with fully-differential outputs. This multi-bit ar-
chitecture features significantly lower out-of-band noise
and jitter sensitivity than traditional 1-bit designs, and the
advanced DEM guarantees low noise and distortion at
all signal levels.
ORDERING INFORMATION
CS4397-KS
-10° to 70° C
28-pin Plastic SOIC
CS4397-KSZ
-10° to 70° C
28-pin Plastic SOIC Lead free
CDB4397
Evaluation Board
I
SCLK
MCLK
M4
LRCK
SDATA
AOUTL+
AOUTR+
SERIAL INTERFACE
AND FORMAT SELECT
INTERPOLATION
SOFT MUTE
∆Σ
MODULATOR
DYNAMIC
DE-EMPHASIS
SWITCHED
AOUTL-
AOUTR-
FILT+
FILTER
INTERPOLATION
FILTER
FILTER
MULTI-BIT
∆Σ
MODULATOR
MULTI-BIT
ELEMENT
MATCHING
LOGIC
DYNAMIC
ELEMENT
MATCHING
LOGIC
CAPACITOR-DAC
AND FILTER
SWITCHED
CAPACITOR-DAC
AND FILTER
VREF
CMOUT
FILT-
VOLTAGE REFERENCE
HARDWARE MODE CONTROL
CLOCK
DIVIDER
(CONTROL PORT)
(AD0/CS)
M3
M2
(AD1/CDIN)
(SCL/CCLK)
M1
M0
(SDA/CDOUT)
RESET
MUTEC
MUTE
SEP ‘04
DS333F1


Similar Part No. - CDB4397

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4397 CIRRUS-CDB4397 Datasheet
660Kb / 36P
24-Bit, Multi-Standard D/A Converter for Digital Audio?
More results

Similar Description - CDB4397

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC78817 SANYO-LC78817 Datasheet
137Kb / 6P
16-Bit D/A Converter for Digital Audio?
LC7886 SANYO-LC7886 Datasheet
134Kb / 6P
18-Bit A/D Converter for Digital Audio Applications
logo
Cirrus Logic
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
24-Bit, Stereo D/A Converter for Digital Audio
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
24-Bit, 192 kHz D/A Converter for Digital Audio?
CS4397 CIRRUS-CS4397 Datasheet
660Kb / 36P
24-Bit, Multi-Standard D/A Converter for Digital Audio?
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
24-Bit Stereo A/D Converter for Digital Audio
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
logo
Holtek Semiconductor In...
HT82V738 HOLTEK-HT82V738 Datasheet
120Kb / 9P
24-Bit Stereo Audio D/A Converter
October 16, 2003
logo
Cirrus Logic
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
20-Bit, Stereo A/D Converter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com