Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5342 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5342_06 Datasheet HTML 1Page - Cirrus Logic CS5342_06 Datasheet HTML 2Page - Cirrus Logic CS5342_06 Datasheet HTML 3Page - Cirrus Logic CS5342_06 Datasheet HTML 4Page - Cirrus Logic CS5342_06 Datasheet HTML 5Page - Cirrus Logic CS5342_06 Datasheet HTML 6Page - Cirrus Logic CS5342_06 Datasheet HTML 7Page - Cirrus Logic CS5342_06 Datasheet HTML 8Page - Cirrus Logic CS5342_06 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Copyright
© Cirrus Logic, Inc. 2006
(All Rights Reserved)
http://www.cirrus.com
105 dB, 192 kHz, Multi-bit Audio A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture
24-bit Conversion
Supports All Audio Sample Rates Including
192 kHz
105 dB Dynamic Range at 5 V
-98 dB THD+N
90 mW Power Consumption
High-Pass Filter to Remove DC Offsets
Analog/Digital Core Supplies from 3.3 V to 5 V
Supports Logic Levels between 2.5 V and 5 V
Low-Latency Digital Filter
Auto-detect Mode Selection in Slave Mode
Auto-Detect MCLK Divider
Supports 384x MCLK/LRCK Ratios
General Description
The CS5342 is a complete analog-to-digital converter
for digital audio systems. It performs sampling, analog-
to-digital conversion and anti-alias filtering, generating
24-bit values for both left and right inputs in serial form
at sample rates up to 200 kHz per channel.
The CS5342 uses a 5th-order, multi-bit Delta-Sigma
modulator followed by digital filtering and decimation,
which removes the need for an external anti-alias filter.
The CS5342 is available in a 16-pin TSSOP package in
Commercial grade (-10° to 70° C). The CDB5342 Cus-
tomer Demonstration board is also available for device
evaluation and implementation suggestions. Please re-
fer to “Ordering Information” on page 21 for complete
ordering information.
The CS5342 is ideal for audio systems requiring wide
dynamic range, negligible distortion and low noise, such
as set-top boxes, DVD-karaoke players, DVD record-
ers, A/V receivers, and automotive applications.
CS5342
APRIL '06
DS608F1
High-Pass
Filter
Low-Latency
Digital Filters
High-Pass
Filter
VA
3.3 V to 5 V
Internal
Reference
Voltages
Switch-Cap
ADC
VD
3.3 V to 5 V
VL
2.5 V to 5 V
Auto-detect
MCLK Divider
Slave Mode
Auto-detect
Master Clock
Reset
Single-Ended
Analog Input
Low-Latency
Digital Filters
Switch-Cap
ADC
Mode
Configuration
Single-Ended
Analog Input
SCLK
LRCK
SDOUT
M0
M1
FILT+
VQ
AINR
AINL
÷1.5


Similar Part No. - CS5342_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5342-CZZ CIRRUS-CS5342-CZZ Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342-DZZ CIRRUS-CS5342-DZZ Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
More results

Similar Description - CS5342_06

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5351 CIRRUS-CS5351 Datasheet
499Kb / 24P
108 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361 Datasheet
957Kb / 24P
111 dB, 192 kHz, Multi-Bit Audio A/D Converter
AUG 02
CS5381 CIRRUS-CS5381 Datasheet
292Kb / 24P
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341 Datasheet
437Kb / 24P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5342 CIRRUS-CS5342 Datasheet
400Kb / 22P
105 dB, 192 kHz, MULTI-BIT AUDIO A/D CONVERTER
CS5341 CIRRUS-CS5341_06 Datasheet
403Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5351 CIRRUS-CS5351_07 Datasheet
558Kb / 23P
108 dB, 192 kHz, Multi-bit Audio A/D Converter
CS5340 CIRRUS-CS5340_08 Datasheet
405Kb / 22P
101 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5341 CIRRUS-CS5341_08 Datasheet
406Kb / 22P
105 dB, 192 kHz, Multi-Bit Audio A/D Converter
CS5361 CIRRUS-CS5361_05 Datasheet
464Kb / 23P
114 dB, 192 kHz, Multi-Bit Audio A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com