Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5342 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5342_06 Datasheet HTML 13Page - Cirrus Logic CS5342_06 Datasheet HTML 14Page - Cirrus Logic CS5342_06 Datasheet HTML 15Page - Cirrus Logic CS5342_06 Datasheet HTML 16Page - Cirrus Logic CS5342_06 Datasheet HTML 17Page - Cirrus Logic CS5342_06 Datasheet HTML 18Page - Cirrus Logic CS5342_06 Datasheet HTML 19Page - Cirrus Logic CS5342_06 Datasheet HTML 20Page - Cirrus Logic CS5342_06 Datasheet HTML 21Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
DS608F1
CS5342
6. PACKAGE DIMENSIONS
Notes:
1.
“D” and “E1” are reference datums and do not included mold flash or protrusions, but do include mold
mismatch and are measured at the parting line, mold flash or protrusions shall not exceed 0.20 mm per
side.
2.
Dimension “b” does not include dambar protrusion/intrusion. Allowable dambar protrusion shall be
0.13 mm total in excess of “b” dimension at maximum material condition. Dambar intrusion shall not re-
duce dimension “b” by more than 0.07 mm at least material condition.
3.
These dimensions apply to the flat section of the lead between 0.10 and 0.25 mm from lead tips.
THERMAL CHARACTERISTICS
INCHES
MILLIMETERS
NOTE
DIM
MIN
NOM
MAX
MIN
NOM
MAX
A
--
--
0.043
--
--
1.10
A1
0.002
0.004
0.006
0.05
--
0.15
A2
0.03346
0.0354
0.037
0.85
0.90
0.95
b
0.00748
0.0096
0.012
0.19
0.245
0.30
2,3
D
0.193
0.1969
0.201
4.90
5.00
5.10
1
E
0.248
0.2519
0.256
6.30
6.40
6.50
E1
0.169
0.1732
0.177
4.30
4.40
4.50
1
e
--
0.026 BSC
--
--
0.65 BSC
--
L
0.020
0.024
0.028
0.50
0.60
0.70
µ
0°
4°8°0°
4°8°
JEDEC #: MO-153
Controlling Dimension is Millimeters
Parameter
Symbol
Min
Typ
Max
Unit
Allowable Junction Temperature
-
-
135
°C
Junction-to-ambient Thermal Impedance
θ
JA
-75
-
°C/W
16L TSSOP (4.4 mm BODY) PACKAGE DRAWING
E
N
1 23
e
b2
A1
A2
A
D
SEATING
PLANE
E11
L
SIDE VIEW
END VIEW
TOP VIEW
∝



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com