Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5342 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5342_06 Datasheet HTML 1Page - Cirrus Logic CS5342_06 Datasheet HTML 2Page - Cirrus Logic CS5342_06 Datasheet HTML 3Page - Cirrus Logic CS5342_06 Datasheet HTML 4Page - Cirrus Logic CS5342_06 Datasheet HTML 5Page - Cirrus Logic CS5342_06 Datasheet HTML 6Page - Cirrus Logic CS5342_06 Datasheet HTML 7Page - Cirrus Logic CS5342_06 Datasheet HTML 8Page - Cirrus Logic CS5342_06 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
DS608F1
CS5342
1. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at typical supply voltages
and TA = 25°C.)
SPECIFIED OPERATING CONDITIONS
(GND = 0 V, all voltages with respect to 0 V.)
Notes:
1.
This part is specified at typical analog voltages of 3.3 V and 5.0 V. See “Analog Characteristics
(CS5342-CZZ)” on page 5 for details.
2.
In Quad-Speed Slave Mode, the CS5342 is only specified for operation with VA and VD at 5 V,
±5%.
ABSOLUTE MAXIMUM RATINGS
(GND = 0 V, All voltages with respect to ground.) (Note 3)
3.
Operation beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
4.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause SRC
latch-up.
5.
The maximum over/under voltage is limited by the input current.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies (Note 2, 3)Analog
Digital
Logic
VA
VD
VL
3.1
3.1
2.38
(Note 1)
3.3
3.3
5.25
5.25
5.25
V
V
V
Ambient Operating Temperature
Commercial (-CZZ)
TAC
-10
-
70
°C
Parameter
Symbol
Min
Max
Units
DC Power Supplies:
Analog
Logic
Digital
VA
VL
VD
-0.3
-0.3
-0.3
+6.0
+6.0
+6.0
V
V
V
Input Current
(Note 4)
Iin
-10
+10
mA
Analog Input Voltage
(Note 5)
VIN
GND-0.7
VA+0.7
V
Digital Input Voltage
(Note 5)
VIND
-0.7
VL+0.7
V
Ambient Operating Temperature (Power Applied)
TA
-50
+95
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com