Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5342 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5342 Datasheet HTML 3Page - Cirrus Logic CS5342 Datasheet HTML 4Page - Cirrus Logic CS5342 Datasheet HTML 5Page - Cirrus Logic CS5342 Datasheet HTML 6Page - Cirrus Logic CS5342 Datasheet HTML 7Page - Cirrus Logic CS5342 Datasheet HTML 8Page - Cirrus Logic CS5342 Datasheet HTML 9Page - Cirrus Logic CS5342 Datasheet HTML 10Page - Cirrus Logic CS5342 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DS608F1
7
CS5342
Figure 1. Single-Speed Stopband Rejection
Figure 2. Single-Speed Stopband Rejection (detail)
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.0
0 .1
0.2
0 .3
0 .4
0 .5
0.6
0 .7
0.8
0 .9
1.0
Fr e que ncy (nor m aliz e d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.4 0
0 .4 2
0 .44
0 .46
0.48
0.50
0 .52
0 .54
0 .56
0.58
0.60
Fr e q u e ncy (nor m aliz e d to Fs )
Figure 3. Single-Speed Transition Band (detail)
Figure 4. Single-Speed Passband Ripple
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0.45
0.46
0.47
0.4 8
0.4 9
0.5
0 .51
0 .52
0 .53
0 .54
0 .55
Fr e q ue ncy (nor m aliz e d to Fs )
-0 .10
-0 .0 8
-0 .0 6
-0 .0 4
-0 .0 2
0.0 0
0.0 2
0.0 4
0.0 6
0.0 8
0.10
0
0 .0 5
0 .1
0.15
0.2
0 .2 5
0 .3
0.35
0.4
0 .4 5
0 .5
Fr e q ue ncy (nor m aliz e d to Fs )
Figure 5. Double-Speed Stopband Rejection
Figure 6. Double-Speed Stopband Rejection (detail)
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.0
0 .1
0.2
0 .3
0 .4
0 .5
0.6
0 .7
0.8
0 .9
1.0
Fr e que ncy (nor m aliz e d to Fs )
-14 0
-13 0
-12 0
-110
-10 0
-9 0
-8 0
-70
-6 0
-50
-4 0
-3 0
-2 0
-10
0
0.4 0
0 .4 2
0 .44
0 .46
0.48
0.50
0 .52
0 .54
0 .56
0.58
0.60
Fr e q u e ncy (nor m aliz e d to Fs )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com