Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5342 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5342 Datasheet HTML 13Page - Cirrus Logic CS5342 Datasheet HTML 14Page - Cirrus Logic CS5342 Datasheet HTML 15Page - Cirrus Logic CS5342 Datasheet HTML 16Page - Cirrus Logic CS5342 Datasheet HTML 17Page - Cirrus Logic CS5342 Datasheet HTML 18Page - Cirrus Logic CS5342 Datasheet HTML 19Page - Cirrus Logic CS5342 Datasheet HTML 20Page - Cirrus Logic CS5342 Datasheet HTML 21Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS608F1
17
CS5342
4.4
Power-Up Sequence
Reliable power-up can be accomplished by keeping the device in reset until the power supplies, clocks and
configuration pins are stable. It is also recommended that reset be enabled if the analog or digital supplies
drop below the minimum specified operating voltages to prevent power-glitch-related issues.
4.5
Analog Connections
The analog modulator samples the input at 6.144 MHz. The digital filter rejects signals within the stopband
of the filter. However, there is no rejection for input signals that are multiples of the input sampling frequency
(n
× 6.144 MHz), where n=0, 1, 2, .... Figure 21 shows the suggested filter that attenuates any noise energy
at 6.144 MHz and provides the optimum source impedance for the modulators. The use of capacitors that
have a large voltage coefficient (such as general-purpose ceramics) must be avoided because these can
degrade signal linearity.
4.6
Grounding and Power Supply Decoupling
As with any high-resolution converter, the CS5342 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. Figure 17 shows the recommended power ar-
rangements, with VA and VL connected to clean supplies. VD, which powers the digital filter, may be run
from the system logic supply or powered from the analog supply via a resistor. In this case, no additional
devices should be powered from VD. Decoupling capacitors should be as near to the ADC as possible, with
the low value ceramic capacitor being the nearest. All signals, especially clocks, should be kept away from
the FILT+ and VQ pins in order to avoid unwanted coupling into the modulators. The FILT+ and VQ decou-
pling capacitors, particularly the 0.1 µF, must be positioned to minimize the electrical path from FILT+ and
REF_GND. The CDB5342 evaluation board demonstrates the optimum layout and power supply arrange-
ments. To minimize digital noise, connect the ADC digital outputs only to CMOS inputs.
4.7
Synchronization of Multiple Devices
In systems where multiple ADCs are required, care must be taken to achieve simultaneous sampling. To
ensure synchronous sampling, the MCLK and LRCK must be the same for all of the CS5342’s in the system.
4.8
Capacitor Size on the Reference Pin (FILT+)
The CS5342 requires an external capacitance on the internal reference voltage pin, FILT+. The size of this
decoupling capacitor affects the low frequency distortion performance, as shown in Figure 22, with larger
capacitor values used to optimize low frequency distortion performance. The THD+N curves in Figure 22
Figure 21. CS5342 Recommended Analog Input Buffer
100 k
Ω
100 k
Ω
VA
4.7
µF
470 pF
C0G
634
Ω
91
Ω
2700 pF
CS5342 AINx
AINx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com