Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5T60 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PWD5T60
Description  Compact high-voltage three-phase power stage with integrated gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5T60 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PWD5T60 Datasheet HTML 11Page - STMicroelectronics PWD5T60 Datasheet HTML 12Page - STMicroelectronics PWD5T60 Datasheet HTML 13Page - STMicroelectronics PWD5T60 Datasheet HTML 14Page - STMicroelectronics PWD5T60 Datasheet HTML 15Page - STMicroelectronics PWD5T60 Datasheet HTML 16Page - STMicroelectronics PWD5T60 Datasheet HTML 17Page - STMicroelectronics PWD5T60 Datasheet HTML 18Page - STMicroelectronics PWD5T60 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
•
The OD Restart time (t2 in Figure 14), which is the time required to recharge the COD capacitor up to the
VSSDh threshold. The recharge of COD starts when the OD internal MOSFET is turned-off, which happens
when the fault condition has been removed (CIN < VREF - CINhyst) and the voltage on OD reaches the
VSSDl threshold. This time normally covers most of the overall output disable time.
If no external pull-up is connected to OD, the external COD capacitor is discharged with a time constant defined by
COD and the internal MOSFET's characteristic (Equation 1), and the Restart time is determined by the internal
current source IOD and by COD (Equation 2 ).
Equation 1
t1≅RON_OD ∙COD∙ln VODVSSDl  
(1)
Equation 2
t2≅COD∙ VSSDh
IOD ∙ln VSSDl−VOD
VSSDh−VOD
(2)
Where VOD = VFLOAT_OD
In case the OD pin is connected to VCC by an external pull-up resistor ROD_ext, the OD discharge time is
determined by the external network ROD_ext COD and by the internal MOSFET's RON_OD (Equation 3), while the
Restart time is determined by current in ROD_ext (Equation 4).
Equation 3
 t1≅COD∙ ROD_ext//RON_OD  ∙ln VOD−Von
VSSDl−Von
(3)
Equation 4
t2≅COD∙ ROD_ext ∙ln VSSDl−VOD
VSSDh−VOD  
(4)
where:
Von= RON_OD 
ROD_ext+RON_OD ∙VCC ; VOD=VCC
PWD5T60
Functional description
DS14558 - Rev 2
page 15/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com