Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM3351-SW Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM3351-SW
Description  SINGLE PORT FAST ETHERNET SWITCH
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3351-SW Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM3351-SW Datasheet HTML 45Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 46Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 47Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 48Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 49Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 50Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 51Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 52Page - PMC-Sierra, Inc PM3351-SW Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 268 page
background image
PM3351 ELAN 1X100
DATA SHEET
PMC-970113
ISSUE 3
SINGLE PORT FAST ETHERNET SWITCH
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
43
ultimately by the Frame Check Sequence (FCS) word. The MAC interface unit will then
insert an interframe gap before proceeding to the next frame.
A 2-part interframe gap timing algorithm (functioning according to the IEEE 802.3
specification) is implemented. If a two-part interframe gap is not desired, it is possible to
set the Part 1 timing to zero, in which case the device will implement the Ethernet V2.0
(Blue Book) interframe gap behavior. The MAC logic also implements an internal
jabber counter to time out excessively long transmissions; thus the ELAN 1x100 does
not require the external PHY to provide jabber protection.
Half-duplex Normal Collision
In full-duplex mode, the MII signals COL (collision detect) and CRS (carrier sense) are
treated as don't cares, and have no affect on frame transmission and reception. In half-
duplex mode, however, the COL and CRS signals are used by the MAC transmit logic
to implement the required collision sensing and deference processes as outlined in the
802.3 specification.
If a collision is detected (as reported by the external PHY on the COL pin) prior to the
first 512 bits of the frame being transmitted, a normal collision is declared. The MAC
port immediately ceases frame data transmission; instead, it forces transmission of a
32-bit (8-nibble) jam sequence, flushes the transmit data disassembly registers, and
signals to the Switch Processor that a collision has occurred, as well as an indication
that a normal collision was detected. The jam sequence used by the MAC is a series of
8 nibbles with TXD[3:0] of 5 hexadecimal (0101 binary).
In response to the collision indication, the Switch Processor will load an internal backoff
timer with the appropriate pseudorandom value that denotes the backoff time to be
counted out by the MAC transmit logic. When the backoff period is timed out, the MAC
logic will automatically re-attempt transmission of the frame, which will be retained in
the transmit FIFO. If sixteen transmission attempts of a single frame have ended in
collisions, however, the Switch Processor will discard the frame and clear it from the
transmit FIFO.
Half-Duplex Late Colsion
A late collision is declared if the collision was detected after 512 bits of the Ethernet
frame, including the preamble and SFD, had already been transmitted. In this case, the
MAC will abort the transmission of the frame and send the jam sequence as usual, but
the Switch Processor will (upon notification of a late collision) cause the frame to be
dropped from the transmit FIFO and not retried. This is required as a consequence of
the dynamic re-allocation of space within the transmit FIFO; once more than 64 bytes of
a frame have been transmitted (i.e., the late collision threshold has been crossed), the
space occupied by the transmitted portion of the frame in the transmit FIFO will begin to
be continuously deallocated and used to fetch and buffer the next frame. As a result, a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com