| Electronic Components Datasheet Search |
|
PM3351-SW Datasheet(PDF) 97 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM3351-SW Datasheet(HTML) 97 Page - PMC-Sierra, Inc |
|
97 / 268 page ![]() PM3351 ELAN 1X100 DATA SHEET PMC-970113 ISSUE 3 SINGLE PORT FAST ETHERNET SWITCH PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 91 RXFloodOctets: 32-bit count of octets in valid flood frames received on this port. RxMcstFrames: 32-bit count of valid multicast frames received on this port (i.e., the 48-bit destination addresses of the counted frames are IEEE 802.3 Group/Functional addresses, but not the broadcast address of all-ones). RXMcastOctets: 32-bit count of octets in valid multicast frames received on this port. The counters maintained within the port descriptor counter structure correspond to those required by the RMON and SNMP MIBs. The port descriptor counter structure occupies the memory locations described in the address map previously given. As the port descriptor counter structure is not cached, it may be read at any time via PCI bus accesses. Expansion Port Descriptor Table A set of data structures, collectively referred to as the Expansion Port Descriptor Table, is associated with the PCI expansion port. The Expansion Port Descriptor Table consists of eight 16-byte expansion port descriptors, each representing one of the (at most) eight ELAN 1x100 devices (or compatible devices, such as the ELAN 8x10) in the system. The expansion port descriptor table is used in conjunction with the transfer rings by the switching firmware to transfer frames and messages to other devices within the system. A single expansion port descriptor and the corresponding frame transfer queue is assigned to each device present on the PCI bus; as there can be at most seven external devices (i.e., excluding the ELAN 1x100 itself), only seven of the eight expansion port descriptors are used, and the eighth descriptor is left untouched. Each expansion port descriptor is hence effectively assigned to a logical device, with indices ranging from 0 through 7. The expansion port descriptor structures are mapped into the memory locations as given in the foregoing address map, with the structure corresponding to logical device index zero being mapped into the lowest memory address, and so on. Note that the use of the expansion port descriptors is not limited to communicating with ELAN 1x100 devices. Any device that implements the same transfer protocol can be interfaced to the ELAN 1x100 PCI bus interface and assigned an expansion port descriptor (with the associated frame transfer queue), and the ELAN 1x100 device will transfer frames to this device without any special considerations. A detailed description of the frame transfer protocol, and the use of the expansion port descriptor and transfer |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |