Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 1 Page - Cirrus Logic

  CS8952_07 Datasheet HTML 1Page - Cirrus Logic CS8952_07 Datasheet HTML 2Page - Cirrus Logic CS8952_07 Datasheet HTML 3Page - Cirrus Logic CS8952_07 Datasheet HTML 4Page - Cirrus Logic CS8952_07 Datasheet HTML 5Page - Cirrus Logic CS8952_07 Datasheet HTML 6Page - Cirrus Logic CS8952_07 Datasheet HTML 7Page - Cirrus Logic CS8952_07 Datasheet HTML 8Page - Cirrus Logic CS8952_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
Copyright
© Cirrus Logic, Inc. 2007
(All Rights Reserved)
http://www.cirrus.com
Features
Single-Chip IEEE 802.3 Physical Interface IC for
100BASE-TX, 100BASE-FX and 10BASE-T
Adaptive Equalizer provides Extended Length
Operation (>160 m) with Superior Noise
Immunity and NEXT Margin
Extremely Low Transmit Jitter (<400 ps)
Low Common Mode Noise on TX Driver for
Reduced EMI Problems
Integrated RX and TX Filters for 10BASE-T
Compensation for Back-to-Back “Killer Packets”
Digital Interfaces Supported
– Media Independent Interface (MII) for 100BASE-X
and 10BASE-T
– Repeater 5-bit code-group interface (100BASE-X)
– 10BASE-T Serial Interface
Register Set Compatible with DP83840A
IEEE 802.3 Auto-Negotiation with Next Page
Support
Six LED drivers (LNK, COL, FDX, TX, RX, and
SPD)
Low power (135 mA Typ) CMOS design operates
on a single 5 V supply
Description
The CS8952 uses CMOS technology to deliver a high-
performance, low-cost 100BASE-X/10BASE-T Physical
Layer (PHY) line interface. It makes use of an adaptive
equalizer optimized for noise and near end crosstalk
(NEXT) immunity to extend receiver operation to cable
lengths exceeding 160 m. In addition, the transmit cir-
cuitry has been designed to provide extremely low
transmit jitter (<400 ps) for improved link partner perfor-
mance. Transmit driver common mode noise has been
minimized to reduce EMI for simplified FCC certification.
The CS8952 incorporates a standard Media Indepen-
dent Interface (MII) for easy connection to a variety of 10
and 100 Mb/s Media Access Controllers (MACs). The
CS8952 also includes a pseudo-ECL interface for use
with 100Base-FX fiber interconnect modules.
ORDERING INFORMATION
See “Ordering Information” on page 80.
TX_EN
TX_ER/TXD4
TXD[3:0]
TX_CLK
MDC
MII_IRQ
MDIO
CRS
COL
RX_ER/RXD4
RX_DV
RXD[3:0]
RX_CLK
RX_EN
TX+,
TX-
TX_NRZ+,
TX_NRZ-
RX_NRZ+,
RX_NRZ-
RX+,
RX-
LED1
LED2
LED3
LED4
LED5
10/100
M
U
X
4B/5B
Decoder
Descrambler
Manchester
Encoder
Scrambler
Fiber NRZI
Interface
MLT-3
Encoder
10BaseT
Filter
Slew Rate
Control
M
U
X
10/100
4B/5B
Encoder
ECL Driver
ECL Receiver
Adaptive Eq. &
Baseline Wander
Compensation
10BaseT
Filter
LED
Drivers
100BaseT
Slicer
10BaseT
Slicer
Fiber NRZI
Interface
MLT-3
Decoder
Manchester
Decoder
Auto
Negotiation
Timing
Recovery
MII
Control/Status
Registers
Link
Management
CS8952 10BaseT/100Base-X
Transceiver
JAN ‘07
DS206F1
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver


Similar Part No. - CS8952_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8952-CQ CIRRUS-CS8952-CQ Datasheet
1Mb / 82P
CrystalLAN 100BASE-X and 10BASE-T Transceiver
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
logo
Pulse A Technitrol Comp...
CS8952T PULSE-CS8952T Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Cirrus Logic
CS8952T-CQ CIRRUS-CS8952T-CQ Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
CS8952T-IQ CIRRUS-CS8952T-IQ Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
More results

Similar Description - CS8952_07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8952T CIRRUS-CS8952T Datasheet
1Mb / 86P
100BASE E-X AND 10BASE-T TRANSCEIVER
CS8952 CIRRUS-CS8952 Datasheet
1Mb / 82P
CrystalLAN 100BASE-X and 10BASE-T Transceiver
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com