Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8952_07 Datasheet HTML 19Page - Cirrus Logic CS8952_07 Datasheet HTML 20Page - Cirrus Logic CS8952_07 Datasheet HTML 21Page - Cirrus Logic CS8952_07 Datasheet HTML 22Page - Cirrus Logic CS8952_07 Datasheet HTML 23Page - Cirrus Logic CS8952_07 Datasheet HTML 24Page - Cirrus Logic CS8952_07 Datasheet HTML 25Page - Cirrus Logic CS8952_07 Datasheet HTML 26Page - Cirrus Logic CS8952_07 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
23
DS206F1
RX_CLK, RX_DV, COL, and CRS) onto a shared,
external repeater system bus.
3.1.3
10BASE-T MII Application
The digital interface used in this mode is the same
as that used in the 100BASE-X MII mode except
that TX_CLK and RX_CLK are nominally
2.5 MHz.
The CS8952 includes a full-featured 10BASE-T in-
terface, as described in the following sections.
3.1.3.1
Full and Half Duplex operation
The 10BASE-T function supports full and half du-
plex operation as determined by pins AN[1:0]
and/or the corresponding MII register bits. (See Ta-
ble 5).
3.1.3.2
Collision Detection
If half duplex operation is selected, the CS8952 de-
tects a 10BASE-T collision whenever the receiver
and transmitter are active simultaneously. When a
collision is present, the collision is reported on pin
COL. Collision detection is undefined for full-du-
plex operation.
3.1.3.3
Jabber
The jabber timer monitors the transmitter and dis-
ables the transmission if the transmitter is active for
greater than approximately 105 ms. The transmitter
stays disabled until approximately 406 ms after the
internal transmit request is no longer enabled.
3.1.3.4
Link Pulses
To prevent disruption of network operation due to a
faulty link segment, the CS8952 continually moni-
tors the 10BASE-T receive pair (RXD+ and RXD-)
for packets and link pulses. After each packet or link
pulse is received, an internal Link-Loss timer is
started. As long as a packet or link pulse is received
before the Link-Loss timer finishes (between 50 and
100 ms), the CS8952 maintains normal operation. If
no receive activity is detected, the CS8952 disables
packet transmission to prevent “blind” transmis-
sions onto the network (link pulses are still sent
while packet transmission is disabled). To reactivate
transmission, the receiver must detect a single pack-
et (the packet itself is ignored), or two normal link
pulses separated by more than 6 ms and no more
than 50 ms.
The CS8952 automatically checks the polarity of
the receive half of the twisted pair cable. To detect
a reversed pair, the receiver examines received link
pulses and the End-of-Frame (EOF) sequence of
incoming packets. If it detects at least one reversed
link pulse and at least four frames in a row with
negative polarity after the EOF, the receive pair is
considered reversed. If the polarity is reversed and
bit 1 of the 10BASE-T Configuration Register (ad-
dress 1Ch), is set, the CS8952 automatically cor-
rects a reversal.
In the absence of transmit packets, the transmitter
generates
link
pulses
in
accordance
with
Section 14.2.1.1 of the Ethernet standard. Trans-
mitted link pulses are positive pulses, one bit time
wide, typically generated at a rate of one every
16 ms. The 16 ms timer also starts whenever the
transmitter completes an End-of-Frame (EOF) se-
quence. Thus, a link pulse will be generated 16 ms
after an EOF unless there is another transmitted
packet.
3.1.3.5
Receiver Squelch
The 10BASE-T squelch circuit determines when
valid data is present on the RXD+/RXD- pair. In-
coming signals passing through the receive filter
are tested by the squelch circuit. Any signal with
amplitude less than the squelch threshold (either
positive or negative, depending on polarity) is re-
jected.
3.1.3.6
10BASE-T Loopback
When Loopback is selected, the TXD[3:0] pins are
looped back into the RXD[3:0] pins through the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com