Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8952_07 Datasheet HTML 18Page - Cirrus Logic CS8952_07 Datasheet HTML 19Page - Cirrus Logic CS8952_07 Datasheet HTML 20Page - Cirrus Logic CS8952_07 Datasheet HTML 21Page - Cirrus Logic CS8952_07 Datasheet HTML 22Page - Cirrus Logic CS8952_07 Datasheet HTML 23Page - Cirrus Logic CS8952_07 Datasheet HTML 24Page - Cirrus Logic CS8952_07 Datasheet HTML 25Page - Cirrus Logic CS8952_07 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
22
DS206F1
Table 3. 4B5B Code Violation Decoding
3.1.1.2
100 Mb/s Loopback
One of two internal 100BASE-TX loopback modes
can be selected. Local loopback redirects the
TXD[3:0] input data to RXD[3:0] data outputs
through the 4B5B coders and scramblers. Local
loopback is selected by asserting pin LPBK, by set-
ting the LPBK bit (bit 14) in the Basic Mode Con-
trol Register (address 00h) or by setting bits 8 and
11 in the Loopback, Bypass, and Receiver Error
Mask Register (address 18h) as shown in Table 4.
Remote loopback redirects the analog line interface
inputs to the analog line driver outputs. Remote
loopback is selected by setting bit 9 in the Loop-
back, Bypass, and Receiver Error Mask Register
(address 18h) as shown in Table 4.
When changing between local and non-loopback
modes, the data on RXD[3:0] will be undefined for
approximately 330 µs.
3.1.2
100BASE-X Repeater Application
The CS8952 provides two low latency modes for
repeater applications. These are selected by assert-
ing either pin BPALIGN or BP4B5B. Both pins
have the effect of bypassing the 4B5B encoder and
decoder. Bypassing the coders decreases latency,
and uses a 5-bit wide parallel code group interface
on pins RXD[4:0] and TXD[4:0] instead of the 4-
bit wide MII nibble interface on pins RXD[3:0] and
TXD[3:0]. In repeater mode, pin RX_ER is rede-
fined as the fifth receive data bit (RXD4), and pin
TX_ER is redefined as the fifth transmit data bit
(TXD4).
BPALIGN can also be selected by setting bit 12 in
Loopback, Bypass, and Receiver Error Mask Reg-
ister (address 18h). BP4B5B can be selected by set-
ting bit 14 of the same register.
Pin BPALIGN causes more of the CS8952 to be
bypassed than the BP4B5B pin. BPALIGN also by-
passes the scrambler/descrambler, and the NRZI to
NRZ converters (see Figure 1). Also, for repeater
applications, pin REPEATER should be asserted to
redefine the function of the CRS (carrier sense) pin.
The REPEATER function may also be invoked by
setting bit 12 in the PCS Sublayer Configuration
Register (address 17h).
For repeater applications, the RX_EN pin can be
used to gate the receive data pins (RXD[4:0],
V6
01000
0110 or 0101 (Note 2)1100
V7
01100
0110 or 0101 (Note 2)1101
V8
10000
0110 or 0101 (Note 2)1110
V9
11001
0110 or 0101 (Note 2)
1111
1. CONTROL code groups become violations when found in the data portion of the frame.
2. Invalid code groups are mapped to 5h unless the Code Error Report select bit in the Loopback,
Bypass, and Receiver Error Mask Register (address 18h) is set, in which case invalid code groups are
mapped to 6h.
Code Violations (RX_ER = 1 or TX_ER = 1)
Name
5-bit Symbol
Normal Mode 4-bit
Nibble
Error Report
Mode 4-bit
Nibble
Comments
Remote
Loopback
(bit 9)
PMD
Loopback
(bit 8)
Function
0
0
No Loopback
0
1
Local Loopback (toward MII)
1
0
Remote Loopback (toward line)
1
1
Operation is undefined
Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com