Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44800 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS44800_06 Datasheet HTML 61Page - Cirrus Logic CS44800_06 Datasheet HTML 62Page - Cirrus Logic CS44800_06 Datasheet HTML 63Page - Cirrus Logic CS44800_06 Datasheet HTML 64Page - Cirrus Logic CS44800_06 Datasheet HTML 65Page - Cirrus Logic CS44800_06 Datasheet HTML 66Page - Cirrus Logic CS44800_06 Datasheet HTML 67Page - Cirrus Logic CS44800_06 Datasheet HTML 68Page - Cirrus Logic CS44800_06 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
DS632F1
65
CS44800
7.22.2
SRC Lock Interrupt (SRC_LOCK)
Default = 0
Function:
When high, indicates that on all active channels, the sample rate converters have achieved lock. This
interrupt is an edge-triggered event.
If this bit is set to a 1b, indicating a lock condition, and an SRC_UNLOCK condition is detected, then this
bit will be reset to 0b before a read of the Interrupt Status Register. Only the last valid state of the SRC
will be reported.
7.22.3
Ramp-Up Complete Interrupt (RMPUP_DONE)
Default = 0
Function:
When high, indicates that all active channels have completed the configured ramp-up interval.
7.22.4
Ramp-Down Complete Interrupt (RMPDN_DONE)
Default = 0
Function:
When high, indicates that all active channels have completed the configured ramp-down interval.
7.22.5
Mute Complete Interrupt (Mute_DONE)
Default = 0
Function:
When high, indicates that all muted channels have completed the mute cycle-down interval as defined by
the SZC[1:0] bits in the “Volume Control Configuration (address 06h)” on page 55.
7.22.6
Channel Over Flow Interrupt (OVFL_INT)
Default = 0
Function:
When high, indicates that the magnitude of an output sample on one of the channels has exceeded full
scale and has been clipped to positive or negative full scale as appropriate. This bit is the logical OR of
all the bits in the Channel Over Flow Status Register. Read the Channel Over Flow Status Register to
determine which channel(s) had the overflow condition.
7.22.7
GPIO Interrupt Condition (GPIO_INT)
Default = 0
Function:
When high, indicates that a transition as configured on one of the un-masked GPIO pins has occurred.
This bit is the logical OR of all the supported un-masked bits in the GPIO Status Register. Read the GPIO
Status Register to determine which GPIO input(s) caused the interrupt condition. The GPIO interrupt is
not removed by reading this register. The GPIO Status Register must be read to clear this interrupt. If the
GPIO input is configured as “edge trigger” the interrupt will clear. If the GPIO input is configured as “level
sensitive”, the interrupt condition will remain as long as the GPIO input remains at the active level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com