Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44800 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS44800_06 Datasheet HTML 72Page - Cirrus Logic CS44800_06 Datasheet HTML 73Page - Cirrus Logic CS44800_06 Datasheet HTML 74Page - Cirrus Logic CS44800_06 Datasheet HTML 75Page - Cirrus Logic CS44800_06 Datasheet HTML 76Page - Cirrus Logic CS44800_06 Datasheet HTML 77Page - Cirrus Logic CS44800_06 Datasheet HTML 78Page - Cirrus Logic CS44800_06 Datasheet HTML 79Page - Cirrus Logic CS44800_06 Datasheet HTML 80Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
DS632F1
77
CS44800
Signal to Noise Ratio (SNR)
SNR, similar to DR, is the ratio of an arbitrary sinusoidal input signal to the RMS sum of the noise floor, in
the presence of a signal. It is measured over a 20 Hz to 20 kHz bandwidth with units in dB.
SRC
Sample Rate Converter. Converts data derived at one sample rate to a differing sample rate. The CS44800
operates at a fixed sample frequency. The internal sample rate converter is used to convert digital audio
streams playing back at other frequencies to the PWM output rate.
Total Harmonic Distortion + Noise (THD+N)
The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified
band width (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Measured
at -1 and -20 dBFS as suggested in AES17-1991 Annex A.
9. REFERENCES
1.
Cirrus Logic, “Audio Quality Measurement Specification,” Version 1.0, 1997.
http://www.cirrus.com/products/papers/meas/meas.html
2.
Cirrus Logic, “AN18: Layout and Design Rules for Data Converters and Other Mixed Signal Devices,”
Version 6.0, February 1998.
3.
Cirrus Logic, “AN22: Overview of Digital Audio Interface Data Structures, Version 2.0”, February 1998.; A
useful tutorial on digital audio specifications.
4.
Philips Semiconductor, “The I²C-Bus Specification: Version 2,” Dec. 1998.
http://www.semiconductors.philips.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com