Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS44800 Datasheet(PDF) 75 Page - Cirrus Logic

Part # CS44800
Description  8-Channel Digital Amplifier Controller
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44800 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button CS44800_06 Datasheet HTML 71Page - Cirrus Logic CS44800_06 Datasheet HTML 72Page - Cirrus Logic CS44800_06 Datasheet HTML 73Page - Cirrus Logic CS44800_06 Datasheet HTML 74Page - Cirrus Logic CS44800_06 Datasheet HTML 75Page - Cirrus Logic CS44800_06 Datasheet HTML 76Page - Cirrus Logic CS44800_06 Datasheet HTML 77Page - Cirrus Logic CS44800_06 Datasheet HTML 78Page - Cirrus Logic CS44800_06 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 80 page
background image
DS632F1
75
CS44800
7.33.2
Decimator Scale (DEC_SCALE[18:0])
Default = 25868h
Function:
These bits are used to scale the power supply reading (Decimator Outd (addresses 3Bh, 3Ch, 3Dh)) dur-
ing the PSR feedback calibration sequence. DEC_SCALE[18:0] has 19-bit precision, formatted as signed
1.18 with decimal values from -1 to 1-2^(-18). The combination of shift and scale factors
(DEC_SCALE[18:0]*2^(DEC_SHIFT[2:0])) can be viewed as a floating point coefficient. The floating point
coefficient will be determined during the PSR feedback calibration sequence. See Decimator Shift
(DEC_SHIFT[2:0]) register description and “Recommended PSR Calibration Sequence” on page 44.
7.34
Decimator Outd (addresses 3Bh, 3Ch, 3Dh)
7.34.1
Decimator Outd (DEC_OUTD[23:0])
Default = 000000h (Read Only)
Function:
These bits reflect the real-time power supply value as measured by the external PSR feedback circuit.
DEC_OUTD[23:0] has 24-bit precision, formatted as signed 2.22 with decimal values from -4 to 4-2^(-22).
Calibration needs to be done to correlate the value of DEC_OUTD[23:0] with the real power supply value.
A quiet DC power supply without any ripple is treated as 1.0 with DEC_OUTD[23:0] calibrated at 400000h.
See “Recommended PSR Calibration Sequence” on page 44.
DEC_SCALE[18:0]
DEC_SHIFT[2:0]
Calculated Coefficient (CPSR)
20000h=0.5
001b=1
0.5*2^(1)=1
28851h=0.6331
010b=2
0.6331*2^(2)=2.5325
Table 18. Decimator Shift/Scale Coefficient Calculation Examples
7
6
5
432
10
DEC_OUTD23
DEC_OUTD22
DEC_OUTD21
DEC_OUTD20
DEC_OUTD19
DEC_OUTD18
DEC_OUTD17
DEC_OUTD16
765
43
21
0
DEC_OUTD15
DEC_OUTD14
DEC_OUTD13
DEC_OUTD12
DEC_OUTD11
DEC_OUTD10
DEC_OUTD09
DEC_OUTD08
765
43
21
0
DEC_OUTD07
DEC_OUTD06
DEC_OUTD05
DEC_OUTD04
DEC_OUTD03
DEC_OUTD02
DEC_OUTD01
DEC_OUTD00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com