Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42518 Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 76Page - Cirrus Logic CS42518 Datasheet HTML 77Page - Cirrus Logic CS42518 Datasheet HTML 78Page - Cirrus Logic CS42518 Datasheet HTML 79Page - Cirrus Logic CS42518 Datasheet HTML 80Page - Cirrus Logic CS42518 Datasheet HTML 81Page - Cirrus Logic CS42518 Datasheet HTML 82Page - Cirrus Logic CS42518 Datasheet HTML 83Page - Cirrus Logic CS42518 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
80
DS584F1
CS42518
10.1.3
Capacitor Selection
The type of capacitors used for the PLL filter can have a significant effect on receiver performance. Large
or exotic film capacitors are not necessary because their leads, and the required longer circuit board trac-
es, add undesirable inductance to the circuit. Surface-mount ceramic capacitors are a good choice be-
cause their own inductance is low, and they can be mounted close to the LPFLT pin to minimize trace
inductance. For CRIP, a C0G or NPO dielectric is recommended; and for CFILT, an X7R dielectric is pre-
ferred. Avoid capacitors with large temperature co-coefficient, or capacitors with high dielectric constants,
that are sensitive to shock and vibration. These include the Z5U and Y5V dielectrics.
10.1.4
Circuit Board Layout
Board layout and capacitor choice affect each other and determine the performance of the PLL. Figure
30 illustrates a suggested layout for the PLL filter components and for bypassing the analog supply volt-
age. The 10 µF bypass capacitor is an electrolytic in a surface-mount case A or thru-hole package. RFILT,
CFILT, CRIP, and the 0.1 µF decoupling capacitor are in an 0805 form factor. The 0.01 µF decoupling
capacitor is in the 0603 form factor. The traces are on the top surface of the board with the IC so that there
is no via inductance. The traces themselves are short to minimize the inductance in the filter path. The
VARX and AGND traces extend back to their origin and are shown only in truncated form in the drawing.
CFILT
CRIP
0.1 µF
0.01 µF
10 µF
= via to ground plane
Figure 30. Recommended Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com