Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42518 Datasheet(PDF) 89 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 89 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 83Page - Cirrus Logic CS42518 Datasheet HTML 84Page - Cirrus Logic CS42518 Datasheet HTML 85Page - Cirrus Logic CS42518 Datasheet HTML 86Page - Cirrus Logic CS42518 Datasheet HTML 87Page - Cirrus Logic CS42518 Datasheet HTML 88Page - Cirrus Logic CS42518 Datasheet HTML 89Page - Cirrus Logic CS42518 Datasheet HTML 90Page - Cirrus Logic CS42518 Datasheet HTML 91Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
DS584F1
89
CS42518
15.ORDERING INFORMATION
16.REFERENCES
1) Cirrus Logic, Audio Quality Measurement Specification, Version 1.0, 1997.
http://www.cirrus.com/products/papers/meas/meas.html
2) Cirrus Logic, AN18: Layout and Design Rules for Data Converters and Other Mixed Signal Devices,
Version 6.0, February 1998.
3) Cirrus Logic, AN22: Overview of Digital Audio Interface Data Structures, Version 2.0, February 1998.;
A useful tutorial on digital audio specifications.
4) Cirrus Logic, AN134: AES and S/PDIF Recommended Transformers, Version 2, April 1999.
5) Cirrus Logic, An Understanding and Implementation of the SCMS Serial Copy Management System
for Digital Audio Transmission, by Clifton Sanchez.; an excellent tutorial on SCMS. It is available from
the AES as preprint 3518.
6) Cirrus Logic, Techniques to Measure and Maximize the Performance of a 120 dB, 96 kHz A/D Con-
verter Integrated Circuit, by Steven Harris, Steven Green and Ka Leung. Presented at the 103rd Con-
vention of the Audio Engineering Society, September 1997.
7) Cirrus Logic, A Stereo 16-bit Delta-Sigma A/D Converter for Digital Audio, by D.R. Welland, B.P. Del
Signore, E.J. Swanson, T. Tanaka, K. Hamashita, S. Hara, K. Takasuka. Paper presented at the 85th
Convention of the Audio Engineering Society, November 1988.
8) Cirrus Logic, The Effects of Sampling Clock Jitter on Nyquist Sampling Analog-to-Digital Converters,
and on Oversampling Delta Sigma ADC's, by Steven Harris. Paper presented at the 87th Convention
of the Audio Engineering Society, October 1989.
9) Cirrus Logic, An 18-Bit Dual-Channel Oversampling Delta-Sigma A/D Converter, with 19-Bit Mono Ap-
plication Example, by Clif Sanchez. Paper presented at the 87th Convention of the Audio Engineering
Society, October 1989.
10) Cirrus Logic, How to Achieve Optimum Performance from Delta-Sigma A/D and D/A Converters,by
Steven Harris. Presented at the 93rd Convention of the Audio Engineering Society, October 1992.
11) Cirrus Logic, A Fifth-Order Delta-Sigma Modulator with 110 dB Audio Dynamic Range, by I. Fujimori,
K. Hamashita and E.J. Swanson. Paper presented at the 93rd Convention of the Audio Engineering
Society, October 1992.
12) International Electrotechnical Commission, IEC60958, http://www.ansi.org
13) Philips Semiconductor, The I2C-Bus Specification: Version 2.1, January 2000. http://www.semicon-
ductors.philips.com
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS42518
110 dB, 192 kHz
8-Ch Codec
with S/PDIF Receiver
64-pin
LQFP
YES
Commercial
-10° to +70° C
Tray
CS42518-CQZ
Tape & Reel CS42518-CQZR
Automotive
-40° to +85° C
Tray
CS42518-DQZ
Tape & Reel CS42518-DQZR
CDB42518 CS42518 Evaluation Board
No
-
-
-
CDB42518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com