Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42518 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 39Page - Cirrus Logic CS42518 Datasheet HTML 40Page - Cirrus Logic CS42518 Datasheet HTML 41Page - Cirrus Logic CS42518 Datasheet HTML 42Page - Cirrus Logic CS42518 Datasheet HTML 43Page - Cirrus Logic CS42518 Datasheet HTML 44Page - Cirrus Logic CS42518 Datasheet HTML 45Page - Cirrus Logic CS42518 Datasheet HTML 46Page - Cirrus Logic CS42518 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
DS584F1
43
CS42518
0Fh
Vol. Control
A1
A1_VOL7
A1_VOL6
A1_VOL5
A1_VOL4
A1_VOL3
A1_VOL2
A1_VOL1
A1_VOL0
page 58
default
0
0
0
000
0
0
10h
Vol. Control
B1
B1_VOL7
B1_VOL6
B1_VOL5
B1_VOL4
B1_VOL3
B1_VOL2
B1_VOL1
B1_VOL0
page 58
default
0
0
0
000
0
0
11h
Vol. Control
A2
A2_VOL7
A2_VOL6
A2_VOL5
A2_VOL4
A2_VOL3
A2_VOL2
A2_VOL1
A2_VOL0
page 58
default
0
0
0
000
0
0
12h
Vol. Control
B2
B2_VOL7
B2_VOL6
B2_VOL5
B2_VOL4
B2_VOL3
B2_VOL2
B2_VOL1
B2_VOL0
page 58
default
0
0
0
000
0
0
13h
Vol. Control
A3
A3_VOL7
A3_VOL6
A3_VOL5
A3_VOL4
A3_VOL3
A3_VOL2
A3_VOL1
A3_VOL0
page 58
default
0
0
0
000
0
0
14h
Vol. Control
B3
B3_VOL7
B3_VOL6
B3_VOL5
B3_VOL4
B3_VOL3
B3_VOL2
B3_VOL1
B3_VOL0
page 58
default
0
0
0
000
0
0
15h
Vol. Control
A4
A4_VOL7
A4_VOL6
A4_VOL5
A4_VOL4
A4_VOL3
A4_VOL2
A4_VOL1
A4_VOL0
page 58
default
0
0
0
000
0
0
16h
Vol. Control
B4
B4_VOL7
B4_VOL6
B4_VOL5
B4_VOL4
B4_VOL3
B4_VOL2
B4_VOL1
B4_VOL0
page 58
default
0
0
0
000
0
0
17h
Channel
Invert
INV_B4
INV_A4
INV_B3
INV_A3
INV_B2
INV_A2
INV_B1
INV_A1
page 59
default
0
0
0
000
0
0
18h
Mixing Ctrl
Pair 1
P1_A=B
Reserved
Reserved
P1_ATAPI4
P1_ATAPI3
P1_ATAPI2
P1_ATAPI1
P1_ATAPI0
page 59
default
0
0
0
010
0
1
19h
Mixing Ctrl
Pair 2
P2_A=B
Reserved
Reserved
P2_ATAPI4
P2_ATAPI3
P2_ATAPI2
P2_ATAPI1
P2_ATAPI0
page 59
default
0
0
0
010
0
1
1Ah
Mixing Ctrl
Pair 3
P3_A=B
Reserved
Reserved
P3_ATAPI4
P3_ATAPI3
P3_ATAPI2
P3_ATAPI1
P3_ATAPI0
page 59
default
0
0
0
010
0
1
1Bh
Mixing Ctrl
Pair 4
P4_A=B
Reserved
Reserved
P4_ATAPI4
P4_ATAPI3
P4_ATAPI2
P4_ATAPI1
P4_ATAPI0
page 59
default
0
0
0
010
0
1
1Ch
ADC Left
Ch. Gain
Reserved
Reserved
LGAIN5
LGAIN4
LGAIN3
LGAIN2
LGAIN1
LGAIN0
page 61
default
0
0
0
000
0
0
1Dh
ADC Right
Ch. Gain
Reserved
Reserved
RGAIN5
RGAIN4
RGAIN3
RGAIN2
RGAIN1
RGAIN0
page 61
default
0
0
0
000
0
0
Addr Function
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com