Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1626IPAPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 12Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
9
CLK
RESET
DRDY
DOUT[17:0]
t
10
t
9
t
12
t
3
t
11
Settled
Data
NOTE: CS and RD tied low.
Figure 3. Reset Timing (ADS1625, ADS1626 with FIFO Disabled)
TIMING REQUIREMENTS FOR FIGURE 3
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t3
Rising edge of CLK to DRDY low
10
ns
t9
RESET pulse width
50
ns
t10
Delay from RESET active (low) to DRDY forced high and DOUT forced low
9
ns
t11
RESET rising edge to falling edge of CLK
−5
10
ns
t12
Delay from DOUT active to valid DOUT (settling to 0.001%)
46
DRDY
Cycles
NOTE: DOUT[17:0] and DRDY load = 10pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com