Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1626IPAPRG4 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 13Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 14Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 16Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 17Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
17
OVERVIEW
The ADS1625 and ADS1626 are high-performance
delta-sigma ADCs with a default oversampling ratio of 32.
The modulator uses an inherently stable 2-1-1 pipelined
delta-sigma
modulator
architecture
incorporating
proprietary circuitry that allows for very linear high-speed
operation. The modulator samples the input signal at
40MSPS (when fCLK = 40MHz). A low-ripple, linear-phase
digital filter decimates the modulator output to provide data
output word rates of 1.25MSPS with a signal passband out
to 615kHz.
Conceptually, the modulator and digital filter measure the
differential input signal, VIN = (AINP – AINN), against the
scaled differential reference, VREF = (VREFP – VREFN),
as shown in Figure 7. The voltage reference can either be
generated internally or supplied externally. An 18-bit paral-
lel data bus, designed for direct connection to DSPs, out-
puts the data. A separate power supply for the I/O allows
flexibility for interfacing to different logic families. Out-of-
range conditions are indicated with a dedicated digital out-
put pin. Analog power dissipation is controlled using an ex-
ternal resistor. This allows reduced dissipation when
operating at slower speeds. When not in use, power con-
sumption can be dramatically reduced using the PD pin.
The ADS1626 incorporates an adjustable FIFO for the out-
put data. The level of the FIFO is set by the FIFO_LEV[2:0]
pins. Other than the FIFO, the ADS1625 and ADS1626 are
identical, and together are referred to as the ADS1625/6.
ANALOG INPUTS (AINP, AINN)
The
ADS1625/6
measures
the
differential
signal,
VIN = (AINP − AINN), against the differential reference,
VREF = (VREFP – VREFN). The reference is scaled
internally so that the full-scale differential input voltage is
1.467VREF. That is, the most positive measurable
differential input is 1.467VREF, which produces the most
positive digital output code of 7FFFh. Likewise, the most
negative measurable differential input is –1.467VREF, which
produces the most negative digital output code of 8000h.
The ADS1625/6 supports a very wide range of input
signals. For VREF = 3V, the full scale input voltages are
±4.4V. Having such a wide input range makes out-of-range
signals unlikely. However, should an out-of-range signal
occur, digital output OTR will go high.
To achieve the highest analog performance, it is
recommended that the inputs be limited to
±1.165VREF
(−2dBFS).
For
VREF =
3V,
the
corresponding
recommended input range is
±3.78V.
The analog inputs must be driven with a differential signal
to achieve optimum performance. The recommended
common-mode
voltage
of
the
input
signal,
V
CM
+ AINP ) AINN
2
, is 2.0V. For signals larger than
−2dBFS, the input common-mode voltage needs to be
raised in order to meet the absolute input voltage
specifications. The Typical Characteristics show how
performance varies with input common-mode voltage.
In addition to the differential and common-mode input
voltages, the absolute input voltage is also important. This
is the voltage on either input (AINP or AINN) with respect
to AGND. The range for this voltage is:
−0.1V < (AINN or AINP) < 4.6V.
If either input is taken below –0.1V, ESD protection diodes
on the inputs will turn on. Exceeding 4.6V on either input
will result in degradation in the linearity performance. ESD
protection diodes will also turn on if the inputs are taken
above AVDD (+5V).
For signals below –2dBFS, the recommended absolute
input voltage is:
0.1V < (AINN or AINP) < 4.2V
Keeping the inputs within this range provides for optimum
performance.
Σ∆
Modulator
Digital
Filter
Parallel
Interface
Σ
1.467V
REF
1.467
V
REF
V
IN
VREFN
IOVDD
VREFP
Σ
AINP
AINN
OTR
FIFO_LEV[2:0]
DOUT[17:0]
ADS1626 Only
FIFO
Figure 7. Conceptual Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com