Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1626IPAPRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 23Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 24Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 25Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
22
SETTLING TIME
The settling time is an important consideration when
measuring signals with large steps or when using a
multiplexer in front of the analog inputs. The ADS1625/6
digital filter requires time for an instantaneous change in
signal level to propagate to the output.
Be sure to allow the filter time to settle after applying a large
step in the input signal, switching the channel on a
multiplexer placed in front of the inputs, resetting the
ADS1625/6, or exiting the power-down mode.
Figure 17 shows the settling error as a function of time for a
full-scale signal step applied at t = 0. This figure uses DRDY
cycles for the time scale (X-axis). After 46 DRDY cycles, the
settling error drops below 0.001%. For fCLK = 40MHz, this
corresponds to a settling time of 36.8
µs.
101
100
10−1
10−2
10−3
10−4
25
30
35
40
45
Settling Time (DRDY cycles)
50
Figure 17. Settling Time
IMPULSE RESPONSE
Figure 18 plots the normalized response for an input applied
at t = 0. The X-axis units of time are DRDY cycles. As shown
in Figure 18, the peak of the impulse takes 26 DRDY cycles
to propagate to the output. For fCLK = 40MHz, a DRDY cycle
is 0.8
µs in duration and the propagation time (or group delay)
is 26
× 0.8µs = 20.8µs.
1.0
0.8
0.6
0.4
0.2
0
−0.2
−0.4
0
10203040
Time (DRDY cycles)
60
50
Figure 18. Impulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com