Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9641BSHP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCA9641BSHP
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641BSHP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCA9641BSHP Datasheet HTML 26Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 27Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 28Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 29Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 30Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 31Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 32Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 33Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
30 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
13. General call software reset
The Software Reset Call allows all the devices in the I2C-bus to be reset to the power-up
state value through a specific formatted I2C-bus command. To be performed correctly, it
implies that the I2C-bus is functional and that there is no device hanging the bus.
The Software Reset sequence is defined as following:
1. A START command is sent by the I2C-bus master.
2. The reserved General Call I2C-bus address ‘0000 000’ with the R/W bit set to 0 (write)
is sent by the I2C-bus master.
3. The device(s) acknowledge(s) after seeing the General Call address ‘0000 0000’
(00h) only. If the R/W bit is set to 1 (read), no acknowledge is returned to the I2C-bus
master.
4. Once the General Call address has been sent and acknowledged, the master sends
1 byte. The value of the byte must be equal to 06h. The device acknowledges this
value only. If the byte is not equal to 06h, the device does not acknowledge it. If more
than 1 byte of data is sent, the device does not acknowledge any more.
5. Once the right byte has been sent and correctly acknowledged, the master sends a
STOP command to end the Software Reset sequence: the slave device then resets to
the default value (power-up value) and is ready to be addressed again within the
specified bus free time. If the master sends a Repeated START instead, no reset is
performed.
6. PCA9641 will issue the bus recovery procedure.
The I2C-bus master must interpret a non-acknowledge from the slave device (at any time)
as a ‘Software Reset Abort’. Slave device does not initiate a reset of its registers.
1000 0101
INT_MASK
MB_LO
MB_HI
ID
CONTR
STATUS
RT
INT_
STATUS
1000 0110
MB_LO
MB_HI
ID
CONTR
STATUS
RT
INT_
STATUS
INT_MASK
1000 0111
MB_HI
ID
CONTR
STATUS
RT
INT_
STATUS
INT_MASK
MB_LO
Table 15.
Read/write the registers using Auto-Increment …continued
Command
code
First
data byte
Second
data byte
Third
data byte
Fourth
data byte
Fifth
data byte
Sixth
data byte
Seventh
data byte
Eighth
data byte
Fig 18. Software Reset sequence
aaa-008555
0
0
0
0
0
0
0
A
S
0
SWRST Call I2C-bus address
START condition
R/W
acknowledge
from slave(s)
0
0
0
0
1
1
0
0
SWRST data = 06h
A
acknowledge
from slave(s)
P
PCA9641 is reset.
Registers are set to default power-up values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com