Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9641BSHP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9641BSHP
Description  2-channel I2C-bus master arbiter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9641BSHP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9641BSHP Datasheet HTML 1Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 2Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 3Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 4Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 5Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 6Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 7Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 8Page - NXP Semiconductors PCA9641BSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
PCA9641
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2.1 — 27 October 2015
5 of 55
NXP Semiconductors
PCA9641
2-channel I2C-bus master arbiter
6.
Pinning information
6.1 Pinning
6.2 Pin description
[1]
HVQFN16 package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS pin must be connected to
supply ground for proper device operation. For enhanced thermal, electrical, and board-level performance, the exposed pad needs to be
soldered to the board using a corresponding thermal pad on the board, and for proper heat conduction through the board thermal vias
need to be incorporated in the printed-circuit board in the thermal pad region.
Fig 2.
Pin configuration for TSSOP16
Fig 3.
Pin configuration for HVQFN16
INT0
SDA_MST0
SCL_MST0
RESET
SCL_MST1
SDA_MST1
INT1
VSS
PCA9641PW
002aag815
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
VDD
INT_IN
SDA_SLAVE
SCL_SLAVE
AD3
AD2
AD1
AD0
002aag816
Transparent top view
SDA_MST1
AD2
SCL_MST1
AD3
RESET
SCL_SLAVE
SCL_MST0
SDA_SLAVE
4
9
3
10
2
11
1
12
terminal 1
index area
PCA9641BS
Table 3.
Pin description
Symbol
Pin
Description
TSSOP16
HVQFN16
INT0
1
15
active LOW interrupt output 0 (external pull-up required)
SDA_MST0
2
16
serial data master 0 (external pull-up required)
SCL_MST0
3
1
serial clock master 0 (external pull-up required)
RESET
4
2
active LOW reset input (external pull-up required)
SCL_MST1
5
3
serial clock master 1 (external pull-up required)
SDA_MST1
6
4
serial data master 1 (external pull-up required)
INT1
7
5
active LOW interrupt output 1 (external pull-up required)
VSS
86[1]
supply ground
AD0
9
7
address input 0 (externally held to VSS, VDD, pull-up to VDD or pull-down to VSS)
AD1
10
8
address input 1 (externally held to VSS, VDD, pull-up to VDD or pull-down to VSS)
AD2
11
9
address input 2 (externally held to VSS, VDD, pull-up to VDD or pull-down to VSS)
AD3
12
10
address input 3 (externally held to VSS, VDD, pull-up to VDD or pull-down to VSS)
SCL_SLAVE
13
11
serial clock slave (external pull-up required)
SDA_SLAVE 14
12
serial data slave (external pull-up required)
INT_IN
15
13
active LOW interrupt input (external pull-up required)
VDD
16
14
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com