Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9766 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 31Page - Integrated Device Technology STAC9766 Datasheet HTML 32Page - Integrated Device Technology STAC9766 Datasheet HTML 33Page - Integrated Device Technology STAC9766 Datasheet HTML 34Page - Integrated Device Technology STAC9766 Datasheet HTML 35Page - Integrated Device Technology STAC9766 Datasheet HTML 36Page - Integrated Device Technology STAC9766 Datasheet HTML 37Page - Integrated Device Technology STAC9766 Datasheet HTML 38Page - Integrated Device Technology STAC9766 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
35
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
Figure 18. Start of an Audio Input Frame
SDATA_IN’s composite stream is MSB justified (MSB first) with all non-valid bit positions (for
assigned and/or unassigned time slots) stuffed with 0 by the AC‘97 CODEC. SDATA_IN data is
sampled on the falling edges of BIT_CLK.
5.4.1.
Slot 0: TAG
Within slot 0 the first bit is a global bit (SDATA_IN slot 0, bit 15), which flags whether the AC‘97
CODEC is in the “CODEC Ready” state or not. If the “CODEC Ready” bit is a 0, this indicates that
the AC‘97 CODEC is not ready for normal operation. This condition is normal following the deasser-
tion of power on reset for example, while the AC‘97 CODEC’s voltage references settle. When the
AC-link “CODEC Ready” indicator bit is a 1 it indicates that the AC-link and AC‘97 CODEC control
and status registers are in a fully operational state. CODEC must assert “CODEC Ready” within
400
µs after it starts receiving valid SYNC pulses from the controller, to provide indication of connec-
tion to the link and Control/Status registers are available for access. The AC`97 Controller and
related software must wait until all of the lower four bits of the Control/Status Register, 26h, are set
before attempting any register writes, or attempting to enable any audio stream, to avoid undesirable
audio artifacts.
Prior to any attempts at putting an AC‘97 CODEC into operation, the AC‘97 Controller should poll the
first bit in the AC-link input frame (SDATA_IN slot 0, bit 15) for an indication that CODEC has gone
“CODEC Ready”. Once an AC‘97 CODEC is sampled “CODEC Ready”1, then the next 12 bit posi-
tions sampled by the AC‘97 Controller indicate which of the corresponding 12 time slots are
assigned to input data streams and contain valid data.
5.4.2.
Slot 1: Status Address Port / SLOTREQ signaling bits
5.4.2.1.
Status Address Port
The status port is used to monitor status for the STAC9766/9767 functions including, but not limited
to, mixer settings and power management. AC-link input frame slot 1’s stream echoes the control
1. There are several subsections within an AC‘97 CODEC that can independently go busy/ready. It is the responsibility of the AC’97
controller to probe more deeply into the AC‘97 CODEC’s register file to determine which subsections are actually ready (refer to
section 6.3 for more information).
SYNC
BIT_CLK
SDATA_IN
slot1
slot2
End of previous audio frame
Codec
Ready
SYNC
detected
first
SDATA_OUT
bit of frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com