Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9766 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 48Page - Integrated Device Technology STAC9766 Datasheet HTML 49Page - Integrated Device Technology STAC9766 Datasheet HTML 50Page - Integrated Device Technology STAC9766 Datasheet HTML 51Page - Integrated Device Technology STAC9766 Datasheet HTML 52Page - Integrated Device Technology STAC9766 Datasheet HTML 53Page - Integrated Device Technology STAC9766 Datasheet HTML 54Page - Integrated Device Technology STAC9766 Datasheet HTML 55Page - Integrated Device Technology STAC9766 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
52
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.1.9.
CD Volume (Index 12h)
Default: 8808h.
7:5
0
RESERVED
Bit not used, should read back 0
4:0
0
GR<4:0>
Right LineIn Volume Control
00000 = 12dB gain
00001 = 10.5dB gain
.....
01000 = 0dB gain
.....
11111 = -34.5dB gain
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RESERVED
GL4
GL3
GL2
GL1
GR0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GR4
GR3
GR2
GR1
GR0
Bit(s)
Reset Value
Name
Description
15
1
Mute
0 = No mute
1 = Mute CD
14:13
0
RESERVED
Bit not used, should read back 0
12:8
0
GL<4:0>
Left CD Volume Control
00000 =
12dB gain
00001 = 10.5dB gain
.....
01000 =
0dB gain
.....
11111 = -34.5dB gain
7:5
0
RESERVED
Bit not used, should read back 0
4:0
0
GR<4:0>
right CD Volume Control
00000 =
12dB gain
00001 = 10.5dB gain
.....
01000 =
0dB gain
.....
11111 = -34.5dB gain
Bit(s)
Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com