Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC9766 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 41Page - Integrated Device Technology STAC9766 Datasheet HTML 42Page - Integrated Device Technology STAC9766 Datasheet HTML 43Page - Integrated Device Technology STAC9766 Datasheet HTML 44Page - Integrated Device Technology STAC9766 Datasheet HTML 45Page - Integrated Device Technology STAC9766 Datasheet HTML 46Page - Integrated Device Technology STAC9766 Datasheet HTML 47Page - Integrated Device Technology STAC9766 Datasheet HTML 48Page - Integrated Device Technology STAC9766 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
45
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
This will be programmed directly by the BIOS.
Table 18. Digital PC Beep Examples
Value
Reg 0Ah
Frequency
1
0x01
12,000Hz
10
0x0A
1200Hz
25
0x19
480Hz
50
0x32
240Hz
100
0x64
120Hz
127
0x0F
94.48Hz
255
0xFF
47.05Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com