Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V857C Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS95V857C
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857C Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS95V857C Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 10Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 11Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 12Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
ICS95V857C
1190A—12/16/05
INDEX
AREA
INDEX
AREA
12
1 2
N
D
E1
E
α
SEATING
PLANE
SEATING
PLANE
A1
A
A2
e
-C-
- C -
b
c
L
aaa C
Ordering Information
MIN
MAX
MIN
MAX
A--
1.20
--
.047
A1
0.05
0.15
.002
.006
A2
0.80
1.05
.032
.041
b
0.13
0.23
.005
.009
c
0.09
0.20
.0035
.008
D
E
E1
4.30
4.50
.169
.177
e
L
0.45
0.75
.018
.030
N
a0°
8°
0°
8°
aaa
--
0.08
--
.003
VARIATIONS
MIN
MAX
MIN
MAX
48
9.60
9.80
.378
.386
10-0037
N
D mm.
D (inch)
Reference Do c.: JEDEC P ublicatio n 95, M O-153
0.40 BASIC
0.016 BASIC
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
SEE VARIATIONS
6.40 BASIC
0.252 BASIC
SYMBOL
In Millimeters
In Inches
COMMON DIMENSIONS COMMON DIMENSIONS
4.40 mm. Body, 0.40 mm. pitch TSSOP
(173 mil)
(16 mil)
Example:
ICS95V857CLLF-T
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Package Type
L = TSSOP (TVSOP)
Revision Designator (will not correlate with datasheet revision)
Device Type
Prefix
ICS = Standard Device
ICS XXXX y K (LF)- T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com