Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V857C Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS95V857C
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857C Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS95V857C Datasheet HTML 4Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 9Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 10Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 11Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
ICS95V857C
1190A—12/16/05
(N is a large number of samples)
t ( ) n+1
t () n
t ()=
1
n= N
t () n
N
CLK_INC
CLK_INT
FB_INC
FB_INT
t(SK_O)
Y #
X
Y , FB_OUTC
X
Y , FB_OUTT
X
Y , FB_OUTC
X
Y , FB_OUTT
X
Y , FB_OUTC
X
Y , FB_OUTT
X
YX
Parameter Measurement Information
Figure 4. Static Phase Offset
Figure 5. Output Skew
1
fO
t
= t
-
(jit_per)
C(n)
1
fO
Figure 6. Period Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com