Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS95V857C Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS95V857C
Description  2.5V Wide Range Frequency Clock Driver (45MHz - 233MHz)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS95V857C Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS95V857C Datasheet HTML 1Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 2Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 3Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 4Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 5Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 6Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 7Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 8Page - Integrated Circuit Systems ICS95V857C Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
ICS95V857C
1190A—12/16/05
Pin Descriptions
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
D
D
VR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
P
D
N
GR
W
Pd
n
u
o
r
G
D
D
V
AR
W
PV
5
.
2
,
y
l
p
p
u
s
r
e
w
o
p
g
o
l
a
n
A
D
N
G
AR
W
Pd
n
u
o
r
g
g
o
l
a
n
A
)
0
:
9
(
T
K
L
CT
U
Os
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
k
c
o
l
C
"
e
u
r
T
"
)
0
:
9
(
C
K
L
CT
U
Os
t
u
p
t
u
o
r
i
a
p
l
a
i
t
n
e
r
e
f
f
i
d
f
o
s
k
c
o
l
c
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
C
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
T
N
I
_
K
L
CN
It
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
r
"
e
u
r
T
"
C
T
U
O
_
B
FT
U
O
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
s
e
h
c
t
i
w
s
C
N
I
_
B
F
o
t
T
T
U
O
_
B
FT
U
O
s
e
h
c
t
i
w
s
t
I
.
k
c
a
b
d
e
e
f
l
a
n
r
e
t
x
e
r
o
f
d
e
t
a
c
i
d
e
d
,
t
u
p
t
u
o
k
c
a
b
d
e
e
F
"
"
e
u
r
T
"
o
t
d
e
r
i
w
e
b
t
s
u
m
t
u
p
t
u
o
s
i
h
T
.
K
L
C
e
h
t
s
a
y
c
n
e
u
q
e
r
f
e
m
a
s
e
h
t
t
a
T
N
I
_
B
F
T
N
I
_
B
FN
I
r
o
f
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
k
c
a
b
d
e
e
f
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
e
u
r
T
"
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
T
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
C
N
I
_
B
FN
I
L
L
P
l
a
n
r
e
t
n
i
e
h
t
o
t
l
a
n
g
i
s
s
e
d
i
v
o
r
p
,
t
u
p
n
i
k
c
a
b
d
e
e
F
"
y
r
a
t
n
e
m
e
l
p
m
o
C
"
r
o
r
r
e
e
s
a
h
p
e
t
a
n
i
m
il
e
o
t
C
N
I
_
K
L
C
h
t
i
w
n
o
i
t
a
z
i
n
o
r
h
c
n
y
s
r
o
f
#
D
PN
It
u
p
n
i
S
O
M
C
V
L
.
n
w
o
D
r
e
w
o
P
This PLL Clock Buffer is designed for a VDD of 2.5V, an AVDD of 2.5V and differential data input and output levels.
The ICS95V857C is a zero delay buffer that distributes a differential clock input pair (CLK_INC, CLK_INT) to ten
differential pair of clock outputs (CLKT[0:9], CLKC[0:9]) and one differential pair feedback clock output (FB_OUT,
FB_OUTC).The clock outputs are controlled by the input clocks (CLK_INC, CLK_INT), the feedback clocks (FB_INT,
FB_INC), the 2.5-V LVCMOS input (PD#) and the Analog Power input (AVDD).When input (PD#) is low while power is
applied, the receivers are disabled, the PLL is turned off and the differential clock outputs are tri-stated. When AVDD
is grounded, the PLL is turned off and bypassed for test purposes.
When the input frequency is less than the operating frequency of the PLL, appproximately 20MHz, the device will enter
a low power mode. An input frequency detection circuit on the differential inputs, independent from the input buffers,
will detect the low frequency condition and perform the same low power features as when the (PD#) input is low.When
the input frequency increases to greater than approximately 20 MHz, the PLL will be turned back on, the inputs and
outputs will be enabled and PLL will obtain phase lock between the feedback clock pair (FB_INT, FB_INC) and the input
clock pair (CLK_INC, CLK_INT).
The PLL to the ICS95V857C clock driver uses the input clocks (CLK_INC, CLK_INT) and the feedback clocks (FB_INT,
FB_INC) provide high-performance, low-skew, low-jitter, output differential clocks (CLKT[0:9], CLKC[0:9]). The
ICS95V857C is also able to track Spread Spectrum Clock (SSC) for reduced EMI.
The ICS95V857C is characterized for operation from 0°C to 85°C, and will meet JEDEC Standard 82-1 and 82-1A Class
A+ for registered DDR clock drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com