Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C174 Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C174
Description  HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C174 Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C174 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C174 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Document # SRAM118 REV C
Revised August 2006
P4C174
HIGH SPEED 8K x 8
CACHE TAG STATIC RAM
FEATURES
High Speed Address-To-Match - 8 ns Maximum
Access Time
High-Speed Read-Access Time
– 8/10/12/15/20/25 ns (Commercial)
– 15/20/25 ns (Military)
Open Drain MATCH Output
Reset Function
8-Bit Tag Comparison Logic
Automatic Powerdown During Long Cycles
Data Retention at 2V for Battery Backup
Operation
Advanced CMOS Technology
Low Power Operation
Package Styles Available
— 28 Pin 300 mil DIP
— 28 Pin 300 mil Plastic SOJ
Single Power Supply
— 5V±10%
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
DESCRIPTION
The P4C174 is a 65,536 bit high speed cache tag static
RAM organized as 8K x 8. The CMOS memory has equal
access and cycle times. Inputs are fully TTL-compatible.
The cache tag RAMs operate from a single 5V±10%
power supply. An 8-bit data comparator with a MATCH
output is included for use as an address tag comparator
in high speed cache applications. The reset function
provides the capability to reset all memory locations to a
LOW level.
The MATCH output of the P4C174 reflects the compari-
son result between the 8-bit data on the I/O pins and
the addressed memory location. 8K Cache lines can be
mapped into 1M-Byte address spaces by comparing 20
address bits organized as 13-line address bits and 7-
page address bits.
Low power operation of the P4C174 is enhanced by
automatic powerdown when the memory is deselected or
during long cycle times. Also, data retention is main-
tained down to V
CC = 2.0. Typical battery backup appli-
cations consume only 30
µW at V
CC = 3.0V.
DIP (C5, P5), SOJ (J5)


Similar Part No. - P4C174

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C170 ETC1-P4C170 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C170 PYRAMID-P4C170 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CC PYRAMID-P4C170-12CC Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12CM PYRAMID-P4C170-12CM Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C170-12DC PYRAMID-P4C170-12DC Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
More results

Similar Description - P4C174

ManufacturerPart #DatasheetDescription
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
8K X 8 High Speed CMOS Static RAM
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT71B74 IDT-IDT71B74 Datasheet
105Kb / 9P
BiCMOS STATIC RAM 64K (8K x 8-BIT) CACHE-TAG RAM
logo
Cypress Semiconductor
CY7C185 CYPRESS-CY7C185 Datasheet
197Kb / 11P
8K x 8 Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C64B ISSI-IS61C64B Datasheet
44Kb / 9P
8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CY6264 CYPRESS-CY6264_06 Datasheet
271Kb / 9P
8K x 8 Static RAM
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com