Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C188-35JM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # P4C188-35JM
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188-35JM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  P4C188-35JM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P4C188/188L
Page 4 of 12
Document # SRAM112 REV A
AC CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Notes:
5. CE is LOW and WE is HIGH for READ cycle.
6. WE is HIGH, and address must be valid prior to or coincident with CE
transition LOW.
7. Transition is measured ±200mV from steady state voltage prior to
change with specified loading in Figure 1. This parameter is sampled
and not 100% tested.
8. Read Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF READ CYCLE NO. 2(6)
TIMING WAVEFORM OF READ CYCLE NO. 1(5)
Sym.
t
RC
t
AA
t
AC
t
OH
t
LZ
t
HZ
t
PU
t
PD
Parameter
Read Cycle Time
Address Access
Time
Chip Enable
Access Time
Output Hold from
Address Change
Chip Enable to
Output in Low Z
Chip Disable to
Output in High Z
Chip Enable to
Power Up Time
Chip Disable to
Power Down
Time
-10
Min
10
2
2
0
Max
10
10
5
10
-12
Min
12
2
2
0
Max
12
12
6
12
-15
Min
15
2
2
0
Max
15
15
6
15
-20
Min
20
2
3
0
Max
20
20
8
20
-25
Min
25
2
3
0
Max
25
25
10
25
-35
Min
35
2
3
0
Max
35
35
20
35
-45
Min
45
2
3
0
Max
45
45
25
45
Unit
ns
ns
ns
ns
ns
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com