Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4C188-35JM Datasheet(PDF) 11 Page - Pyramid Semiconductor Corporation

Part # P4C188-35JM
Description  ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C188-35JM Datasheet(HTML) 11 Page - Pyramid Semiconductor Corporation

Back Button P4C188-35JM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 11Page - Pyramid Semiconductor Corporation P4C188-35JM Datasheet HTML 12Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
P4C188/188L
Page 11 of 12
Document # SRAM112 REV A
Pkg #
# Pins
Symbol
Min
Max
A
-
0.210
A1
0.015
-
b
0.014
0.022
b2
0.045
0.070
C
0.008
0.014
D
1.145
1.165
E1
0.240
0.280
E
0.300
0.325
e
eB
-
0.430
L
0.115
0.150
0°
15°
0.100 BSC
P3
22 (300 Mil)
α
PLASTIC DUAL IN-LINE PACKAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com