Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69 Datasheet(PDF) 40 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 40 Page - Texas Instruments

Back Button AM69 Datasheet HTML 36Page - Texas Instruments AM69 Datasheet HTML 37Page - Texas Instruments AM69 Datasheet HTML 38Page - Texas Instruments AM69 Datasheet HTML 39Page - Texas Instruments AM69 Datasheet HTML 40Page - Texas Instruments AM69 Datasheet HTML 41Page - Texas Instruments AM69 Datasheet HTML 42Page - Texas Instruments AM69 Datasheet HTML 43Page - Texas Instruments AM69 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AG33
R33
MCAN14_TX
PADCFG:
PADCONFIG_5
0x0011C014
MCAN14_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
UART0_RIn
1
I
GPMC0_A20
6
OZ
GPIO0_5
7
IO
I2C4_SCL
8
IOD
TRC_DATA2
10
O
UART6_RXD
11
I
DP0_HPD
13
I
AJ35
R31
MCAN15_RX
PADCFG:
PADCONFIG_8
0x0011C020
MCAN15_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA21
2
O
GPMC0_A17
6
OZ
GPIO0_8
7
IO
SPI0_CS2
8
IO
TRC_DATA22
10
O
I2C1_SCL
12
IOD
AG34
R29
MCAN15_TX
PADCFG:
PADCONFIG_7
0x0011C01C
MCAN15_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA22
2
O
GPMC0_A18
6
OZ
GPIO0_7
7
IO
I2C5_SCL
8
IOD
TRC_DATA21
10
O
UART9_RXD
11
I
AE33
U30
MCAN16_RX
PADCFG:
PADCONFIG_10
0x0011C028
MCAN16_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA19
2
O
GPMC0_A15
6
OZ
GPIO0_10
7
IO
SPI0_CS3
8
IO
TRC_DATA24
10
O
GPMC0_WAIT1
12
I
AH34
G30
MCAN16_TX
PADCFG:
PADCONFIG_9
0x0011C024
MCAN16_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
VOUT0_DATA20
2
O
GPMC0_A16
6
OZ
GPIO0_9
7
IO
SPI1_CS3
8
IO
TRC_DATA23
10
O
I2C1_SDA
12
IOD
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com