Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69 Datasheet(PDF) 90 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM69 Datasheet HTML 86Page - Texas Instruments AM69 Datasheet HTML 87Page - Texas Instruments AM69 Datasheet HTML 88Page - Texas Instruments AM69 Datasheet HTML 89Page - Texas Instruments AM69 Datasheet HTML 90Page - Texas Instruments AM69 Datasheet HTML 91Page - Texas Instruments AM69 Datasheet HTML 92Page - Texas Instruments AM69 Datasheet HTML 93Page - Texas Instruments AM69 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
M36
B20
WKUP_GPIO0_57
PADCFG:
WKUP_PADCONFIG_95
0x4301C17C
MCU_TIMER_IO7
4
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
No
WKUP_GPIO0_57
7
IO
BOOTMODE05
BOOTS
TRAP
I
N34
A17
WKUP_GPIO0_66
PADCFG:
WKUP_PADCONFIG_96
0x4301C180
WKUP_GPIO0_66
7
IO
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
BOOTMODE06
BOOTS
TRAP
I
M34
A18
WKUP_GPIO0_67
PADCFG:
WKUP_PADCONFIG_97
0x4301C184
WKUP_LF_CLKIN
1
I
1.8 V/3.3 V
On / Off / Off
On / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_67
7
IO
BOOTMODE07
BOOTS
TRAP
I
N33
A16
WKUP_I2C0_SCL
PADCFG:
WKUP_PADCONFIG_64
0x4301C100
WKUP_I2C0_SCL
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_
MCU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_63
7
IO
N35
D23
WKUP_I2C0_SDA
PADCFG:
WKUP_PADCONFIG_65
0x4301C104
WKUP_I2C0_SDA
0
IOD
1.8 V/3.3 V
Off / Off / Off
On / SS / Off
0
VDDSHV0_
MCU
Yes
I2C OPEN
DRAIN
Yes
WKUP_GPIO0_64
7
IO
T38
A24
WKUP_OSC0_XI
WKUP_OSC0_XI
I
1.8 V
VDDA_WKU
P
Yes
HFXOSC
No
U37
B25
WKUP_OSC0_XO
WKUP_OSC0_XO
O
1.8 V
VDDA_WKU
P
Yes
HFXOSC
No
K35
C20
WKUP_UART0_RXD
PADCFG:
WKUP_PADCONFIG_44
0x4301C0B0
WKUP_UART0_RXD
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_58
7
IO
K34
C19
WKUP_UART0_TXD
PADCFG:
WKUP_PADCONFIG_45
0x4301C0B4
WKUP_UART0_TXD
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV0_
MCU
Yes
LVCMOS
Yes
WKUP_GPIO0_59
7
IO
(1)
The MUXMODE field is not used to select the multiplexed signal function for this pin. For more information, see ADC Integration Details section in Device Configuration chapter of the
device TRM.
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
90
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com