Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69 Datasheet(PDF) 80 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 80 Page - Texas Instruments

Back Button AM69 Datasheet HTML 76Page - Texas Instruments AM69 Datasheet HTML 77Page - Texas Instruments AM69 Datasheet HTML 78Page - Texas Instruments AM69 Datasheet HTML 79Page - Texas Instruments AM69 Datasheet HTML 80Page - Texas Instruments AM69 Datasheet HTML 81Page - Texas Instruments AM69 Datasheet HTML 82Page - Texas Instruments AM69 Datasheet HTML 83Page - Texas Instruments AM69 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 312 page
background image
Table 5-1. Pin Attributes (ALY, AND Packages) (continued)
ALY Ball
Num [1]
AND Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset
[9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AA10,
AA12,
AA14,
AA20,
AA22, AA8,
AB11,
AB19,
AB21,
AB23, AB9,
AC10,
AC12,
AC14,
AC22,
AD11,
AD13,
AD15,
AD17,
AD19,
AD21,
AD23, AD9,
AE10,
AE14,
AE16,
AE18,
AE20,
AE22,
AF11, H21,
H23, J20,
J22, K21,
K23, L20,
L22, N20,
N22, P21,
R20, R22,
T17, T19,
T21, T23,
U14, U22,
V11, V13,
V19, V21,
V23, V9,
W10, W12,
W20, W22,
W8, Y13,
Y21, Y23,
Y9
AA10,
AA12,
AA20, AA8,
AB11,
AB13,
AB15,
AB17,
AB19,
AB21, AB9,
AC12,
AC14,
AC16,
AC18,
AC20, AC8,
AD9, H19,
H21, J18,
J20, L18,
L20, M19,
N18, N20,
P15, P17,
P19, P21,
R12, R20,
T11, T17,
T19, T21,
T9, U10,
U18, U20,
U8, V11,
V19, V21,
W10, W12,
W18, W20,
W8, Y17,
Y19, Y21,
Y9
VDD_CPU
VDD_CPU
PWR
L24, M23,
M25, N26,
P23, P25,
P27
J22, K21,
K23, L24,
M21, M23,
M25
VDD_MCU
VDD_MCU
PWR
L28
J26
VDD_MCU_WAKE1
VDD_MCU_WAKE1
PWR
U29
R27
VDD_WAKE0
VDD_WAKE0
PWR
K28
G26
VMON1_ER_VSYS
VMON1_ER_VSYS
A
N27
L25
VMON2_IR_VCPU
VMON2_IR_VCPU
A
J30
K30
VMON3_IR_VEXT1P8
VMON3_IR_VEXT1P8
A
P28
M26
VMON4_IR_VEXT1P8
VMON4_IR_VEXT1P8
A
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com