Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM69 Datasheet(PDF) 101 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM69 Datasheet HTML 97Page - Texas Instruments AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 312 page
background image
Table 5-10. WKUP_GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
WKUP_GPIO0_48
IO
General Purpose Input/Output
D36
D13
WKUP_GPIO0_49
IO
General Purpose Input/Output
M33
A20
WKUP_GPIO0_50
IO
General Purpose Input/Output
B36
D14
WKUP_GPIO0_51
IO
General Purpose Input/Output
A35
E13
WKUP_GPIO0_52
IO
General Purpose Input/Output
B35
F13
WKUP_GPIO0_53
IO
General Purpose Input/Output
A36
E12
WKUP_GPIO0_54
IO
General Purpose Input/Output
G38
F15
WKUP_GPIO0_55
IO
General Purpose Input/Output
H36
E18
WKUP_GPIO0_56
IO
General Purpose Input/Output
M37
A19
WKUP_GPIO0_57
IO
General Purpose Input/Output
M36
B20
WKUP_GPIO0_58
IO
General Purpose Input/Output
K35
C20
WKUP_GPIO0_59
IO
General Purpose Input/Output
K34
C19
WKUP_GPIO0_60
IO
General Purpose Input/Output
K33
E22
WKUP_GPIO0_61
IO
General Purpose Input/Output
F38
C18
WKUP_GPIO0_62
IO
General Purpose Input/Output
C36
D12
WKUP_GPIO0_63
IO
General Purpose Input/Output
N33
A16
WKUP_GPIO0_64
IO
General Purpose Input/Output
N35
D23
WKUP_GPIO0_65
IO
General Purpose Input/Output
M35
D22
WKUP_GPIO0_66
IO
General Purpose Input/Output
N34
A17
WKUP_GPIO0_67
IO
General Purpose Input/Output
M34
A18
WKUP_GPIO0_68
IO
General Purpose Input/Output
F36
E21
WKUP_GPIO0_69
IO
General Purpose Input/Output
J38
E14
WKUP_GPIO0_70
IO
General Purpose Input/Output
F37
E19
WKUP_GPIO0_71
I
General Purpose Input/Output
P36
E26
WKUP_GPIO0_72
I
General Purpose Input/Output
V36
F25
WKUP_GPIO0_73
I
General Purpose Input/Output
T34
F23
WKUP_GPIO0_74
I
General Purpose Input/Output
T36
A28
WKUP_GPIO0_75
I
General Purpose Input/Output
P34
E24
WKUP_GPIO0_76
I
General Purpose Input/Output
R37
D27
WKUP_GPIO0_77
I
General Purpose Input/Output
R33
A26
WKUP_GPIO0_78
I
General Purpose Input/Output
V38
B27
WKUP_GPIO0_79
I
General Purpose Input/Output
Y38
C32
WKUP_GPIO0_80
I
General Purpose Input/Output
Y34
B33
WKUP_GPIO0_81
I
General Purpose Input/Output
V34
B31
WKUP_GPIO0_82
I
General Purpose Input/Output
W37
B29
WKUP_GPIO0_83
I
General Purpose Input/Output
AA37
D31
WKUP_GPIO0_84
I
General Purpose Input/Output
W33
A32
WKUP_GPIO0_85
I
General Purpose Input/Output
U33
A30
WKUP_GPIO0_86
I
General Purpose Input/Output
Y36
C28
WKUP_GPIO0_87
IO
General Purpose Input/Output
G34
A21
WKUP_GPIO0_88
IO
General Purpose Input/Output
L38
B16
www.ti.com
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
101
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com