Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDX4ACT164 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 3 Page - Texas Instruments

  CDX4ACT164 Datasheet HTML 1Page - Texas Instruments CDX4ACT164 Datasheet HTML 2Page - Texas Instruments CDX4ACT164 Datasheet HTML 3Page - Texas Instruments CDX4ACT164 Datasheet HTML 4Page - Texas Instruments CDX4ACT164 Datasheet HTML 5Page - Texas Instruments CDX4ACT164 Datasheet HTML 6Page - Texas Instruments CDX4ACT164 Datasheet HTML 7Page - Texas Instruments CDX4ACT164 Datasheet HTML 8Page - Texas Instruments CDX4ACT164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3 Pin Configuration and Functions
A
B
GND
QE
CLR
CLK
QA
QB
QC
QD
VCC
QH
QG
QF
Figure 3-1. CD54AC(T)164 J Package; 14-Pin CDIP;
CD74AC(T)164 D, N, or PW Package; 14-Pin SOIC,
PDIP, or TSSOP (Top View)
B
Q
A
Q
B
Q
C
Q
D
GND
Q
H
Q
G
Q
F
Q
E
CLR
CLK
PAD
A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 3-2. CD74AC(T)164 BQA Package; 14-Pin
WQFN (Top View)
Table 3-1. Pin Functions
PIN
TYPE1
DESCRIPTION
NAME
NO.
A
1
I
Gated serial input A
B
2
I
Gated serial input B
QA
3
O
Parallel output A
QB
4
O
Parallel output B
QC
5
O
Parallel output C
QD
6
O
Parallel output D
GND
7
G
Ground
CLK
8
I
Clock input, rising edge triggered
CLR
9
I
Asynchronous register clear input, active low
QE
10
O
Parallel output E
Q F
11
O
Parallel output F
QG
12
O
Parallel output G
QH
13
O
Parallel output H
VCC
14
P
Positive supply
Thermal pad2
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal or supply.
1. Signal Types: I = Input, O = Output, P = Power, G = Ground.
2. BQA package only.
www.ti.com
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com