Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDX4ACT164 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 1 Page - Texas Instruments

  CDX4ACT164 Datasheet HTML 1Page - Texas Instruments CDX4ACT164 Datasheet HTML 2Page - Texas Instruments CDX4ACT164 Datasheet HTML 3Page - Texas Instruments CDX4ACT164 Datasheet HTML 4Page - Texas Instruments CDX4ACT164 Datasheet HTML 5Page - Texas Instruments CDX4ACT164 Datasheet HTML 6Page - Texas Instruments CDX4ACT164 Datasheet HTML 7Page - Texas Instruments CDX4ACT164 Datasheet HTML 8Page - Texas Instruments CDX4ACT164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
1 Features
• Buffered inputs
• Typical propagation delay
– 6ns at VCC = 5V, T A = 25°C, CL = 50pF
• SCR-latchup-resistant CMOS process and circuit
design
• Speed of bipolar FAST™/AS/S with significantly
reduced power consumption
• Balanced propagation delays
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
• ±24mA output drive current
– Fanout to 15 FAST™ ICs
– Drives 50Ω transmission lines
2 Description
The ’AC164 and ’ACT164 are 8-bit serial-in/parallel-
out shift registers with asynchronous reset that utilize
Advanced CMOS Logic technology.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CDx4AC(T)164
BQA (WQFN, 14)
3mm × 2.5mm
3mm × 2.5mm
D (SOIC, 14)
8.65mm × 6mm
8.65mm × 3.9mm
N (PDIP, 14)
19.3mm x 9.4mm
19.3mm x 6.35mm
PW (TSSOP, 14)
5mm x 6.4mm
5mm x 4.4mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
CLR
A
CLK
D
R
Q
5 Additional
Shift Register
Stages
B
D
R
Q
QH
QG
QF
QE
QD
QC
QB
QA
D
R
Q
Functional Diagram
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDX4ACT164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDX4ACT164 TI2-CDX4ACT164 Datasheet
835Kb / 19P
CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
REVISED OCTOBER 2024
More results

Similar Description - CDX4ACT164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com