Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDX4ACT164 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDX4ACT164
Description  CDx4AC164, CDx4ACT164 8-Bit Serial-In/Parallel-Out Shift Register
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDX4ACT164 Datasheet(HTML) 4 Page - Texas Instruments

  CDX4ACT164 Datasheet HTML 1Page - Texas Instruments CDX4ACT164 Datasheet HTML 2Page - Texas Instruments CDX4ACT164 Datasheet HTML 3Page - Texas Instruments CDX4ACT164 Datasheet HTML 4Page - Texas Instruments CDX4ACT164 Datasheet HTML 5Page - Texas Instruments CDX4ACT164 Datasheet HTML 6Page - Texas Instruments CDX4ACT164 Datasheet HTML 7Page - Texas Instruments CDX4ACT164 Datasheet HTML 8Page - Texas Instruments CDX4ACT164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4 Specifications
4.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
DC Supply Voltage
-0.5
6
V
IIK
DC Input Diode Current
(VI < -0.5V or VI > VCC +
0.5V)
± 20
mA
IOK
DC Output Diode Current
(VO < -0.5V or VO > VCC
+ 0.5V)
±50
mA
IO
DC Output Source or Sink Current per Output
Pin
(VO > -0.5V or VO < VCC
+ 0.5V)
±50
mA
ICC or IGND (2)
DC VCC or Ground Current
±100
mA
(1)
Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating
and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied.
(2)
For up to 4 outputs per device, add ±25mA for each additional output.
4.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
4.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
TA
Temperature Range
-55
125
°C
VCC (1)
Supply Voltage Range
AC Types
1.5
5.5
V
ACT Types
4.5
5.5
V
VI, VO
DC Input or Output Voltage
0
VCC
V
dt/dv
Input Rise and Fall Slew Rate
AC Types
1.5V to 3V
50
ns
AC Types
3.6V to 5.5V
20
ns
ACT Types
4.5V to 5.5V
10
ns
(1)
Unless otherwise specified, all voltages are referenced to ground.
4.4 Thermal Information
THERMAL METRIC(1)
CD74AC(T)164
UNIT
BQA
(WQFN)
D (SOIC)
N (PDIP)
PW (TSSOP)
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
105.3
106.6
90
148.0
°C/W
(1)
θJA is measured with the component mounted on an evaluation PC board in free air.
CD54AC164, CD74AC164, CD54ACT164, CD74ACT164
SCHS240D – NOVEMBER 1998 – REVISED OCTOBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: CD54AC164 CD74AC164 CD54ACT164 CD74ACT164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com