Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC174 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174
Description  CD74AC174 Hex D-type Flip-Flop with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CD74AC174 Datasheet HTML 17Page - Texas Instruments CD74AC174 Datasheet HTML 18Page - Texas Instruments CD74AC174 Datasheet HTML 19Page - Texas Instruments CD74AC174 Datasheet HTML 20Page - Texas Instruments CD74AC174 Datasheet HTML 21Page - Texas Instruments CD74AC174 Datasheet HTML 22Page - Texas Instruments CD74AC174 Datasheet HTML 23Page - Texas Instruments CD74AC174 Datasheet HTML 24Page - Texas Instruments CD74AC174 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224640/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
PLASTIC QUAD FLAT PACK-NO LEAD
BQB0016A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
2.6
2.4
3.6
3.4
0.8
0.7
0.05
0.00
SEATING PLANE
C
1.1
0.9
2.1
1.9
2X 0.5
16X 0.30
0.18
16X 0.5
0.3
2X
2.5
10X 0.5
PIN 1 ID
(OPTIONAL)
(0.2) TYP
1
2
7
8
9
10
15
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com