Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74AC174 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC174
Description  CD74AC174 Hex D-type Flip-Flop with Clear
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74AC174 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CD74AC174 Datasheet HTML 17Page - Texas Instruments CD74AC174 Datasheet HTML 18Page - Texas Instruments CD74AC174 Datasheet HTML 19Page - Texas Instruments CD74AC174 Datasheet HTML 20Page - Texas Instruments CD74AC174 Datasheet HTML 21Page - Texas Instruments CD74AC174 Datasheet HTML 22Page - Texas Instruments CD74AC174 Datasheet HTML 23Page - Texas Instruments CD74AC174 Datasheet HTML 24Page - Texas Instruments CD74AC174 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
EXAMPLE STENCIL DESIGN
4224640/A 11/2018
www.ti.com
WQFN - 0.8 mm max height
BQB0016A
PLASTIC QUAD FLAT PACK-NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
85% PRINTED COVERAGE BY AREA
SCALE: 20X
SYMM
SYMM
(0.95)
(1.79) (3.3)
16X (0.24)
16X (0.6)
2X
(2.5)
10X (0.5)
2X (0.5)
(2.3)
(R0.05) TYP
1
2
7
8
9
10
15
16
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com