Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4094DYYR Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4094DYYR Datasheet HTML 1Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 2Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 3Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 4Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 5Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input diode current
For VI < –0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
Output diode current
For VO < –0.5 V or VO > VCC + 0.5 V
±20
mA
IO
Output source or sink current per output pin
For VO > –0.5 V or VO < VCC + 0.5 V
±25
mA
Continuous current through VCC or GND
±50
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
– 65
150
°C
Maximum lead temperature (Soldering 10s) (SOIC - lead tips only)
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
5.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage range
HC types
2
6
V
HCT types
4.5
5.5
VI,
VO
Input or output voltage
0
VCC
V
tt
Input rise and fall time
2 V
1000
ns
4.5 V
500
6 V
400
TA
Temperature range
–55
125
°C
5.3 Thermal Information
THERMAL METRIC
N (PDIP)
D (SOIC)(2)
NS (SOP)
PW (TSSOP)
UNIT
PINS
PINS
PINS
PINS
RθJA
Junction-to-ambient thermal resistance(1)
67
73
64
108
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC package thermal metrics application
report.
(2)
Lead tips only
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com