Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4094DYYR Datasheet(PDF) 10 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 10Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 11Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 12Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 13Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
7 Detailed Description
7.1 Overview
The CDx4HC4094 and CD74HCT4094 are 8-stage serial shift registers having a storage latch associated with
each stage for strobing data from the serial input to parallel buffered tri-state outputs. The parallel outputs may
be connected directly to common bus lines. Data is shifted on positive clock transitions. The data in each shift
register stage is transferred to the storage register when the Strobe input is high. Data in the storage register
appears at the outputs whenever the Output-Enable signal is high.
Two serial outputs are available for cascading a number of these devices. Data is available at the QS1 serial
output terminal on positive clock edges to allow for high-speed operation in cascaded system in which the clock
rise time is fast. The same serial information, available at the QS2 terminal on the next negative clock edge,
provides a means for cascading these devices when the clock rise time is slow.
7.2 Functional Block Diagram
STR
OE
CP
DATA
D
Q
0
Q
1
Q
2
Q
D
Q
D
Q
D
Q
Q
3
Q
4
Q
5
Q
6
D
QS
1
Q
D
Q
Q
7
S
S
S
D
Q
QS
2
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC4094 CD74HC4094 CD74HCT4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com