Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4094DYYR Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HC4094DYYR
Description  CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4094DYYR Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4094DYYR Datasheet HTML 1Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 2Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 3Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 4Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 5Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 6Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 7Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 8Page - Texas Instruments CD74HC4094DYYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CDx4HC4094, CD74HCT4094 High-Speed CMOS Logic 8-Stage Shift and Store Bus
Register, Three-State
1 Features
• Buffered inputs
• Separate serial outputs synchronous to both
positive and negative clock edges for cascading
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temp range: −55°C to 125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2- to 6-V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5- to 5.5-V operation
– Direct LSTTL input logic compatibility,
VIL= 0.8 V (Max), VIH = 2 V (Min)
– CMOS input compatibility, Il ≤ 1μA at VOL, VOH
2 Description
The CDx4HC4094 and CD74HCT4094 are 8-stage
serial shift registers having a storage latch associated
with each stage for strobing data from the serial
input to parallel buffered tri-state outputs. The parallel
outputs may be connected directly to common bus
lines. Data is shifted on positive clock transitions. The
data in each shift register stage is transferred to the
storage register when the Strobe input is high. Data in
the storage register appears at the outputs whenever
the Output-Enable signal is high.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
CD54HC4094F3A
CDIP (16)
24.38 mm × 6.92 mm
CD74HC4094M
SOIC (16)
9.90 mm × 3.90 mm
CD74HC4094E
PDIP (16)
19.31 mm × 6.35 mm
CD74HC4094NSR
SO (16)
6.20 mm × 5.30 mm
CD74HC4094PW
TSSOP (16)
5.00 mm × 4.40 mm
CD74HCT4094M
SOIC (16)
9.90 mm × 3.90 mm
CD74HCT4094E
PDIP (16)
19.31 mm × 6.35 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
STR
OE
CP
DATA
D
Q
0
Q
1
Q
2
Q
D
Q
D
Q
D
Q
Q
3
Q
4
Q
5
Q
6
D
QS
1
Q
D
Q
Q
7
S
S
S
D
Q
QS
2
Functional Block Diagram
CD54HC4094, CD74HC4094, CD74HCT4094
SCHS211F – NOVEMBER 1997 – REVISED MARCH 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74HC4094DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
366Kb / 16P
High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD74HC4094 TI-CD74HC4094 Datasheet
512Kb / 18P
High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD74HC4094 TI-CD74HC4094 Datasheet
615Kb / 19P
HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
More results

Similar Description - CD74HC4094DYYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD74HC4094 TI-CD74HC4094 Datasheet
50Kb / 10P
High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Intersil Corporation
CD4094BMS INTERSIL-CD4094BMS Datasheet
87Kb / 11P
CMOS 8-Stage Shift-and-Store Bus Register
December 1992
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094 Datasheet
366Kb / 16P
High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Harris Corporation
CD74HC4094 HARRIS-CD74HC4094 Datasheet
69Kb / 8P
High Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
logo
Texas Instruments
CD54HC4094 TI-CD54HC4094_07 Datasheet
512Kb / 18P
High-Speed CMOS Logic 8-Stage Shift and Store Bus Register, Three-State
CD54HC4094 TI-CD54HC4094_10 Datasheet
615Kb / 19P
HIgh-Speed CMOS Logic 8-Stage Shift and Store Bus Register,Three-State
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com