Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB128AA85CW8 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 3Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 4Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 5Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 6Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 7Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 8Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 9Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 10Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
M69KB128AA
1 Summary description
7/68
1
Summary description
The M69KB128AA is a 128 Mbit (134,217,728 bit) PSRAM, organized as 8,388,608 Words by
16 bits. It uses a high-speed CMOS DRAM technology implemented using a one transistor-per-
cell topology that achieves bigger array sizes. It provides a high-density solution for low-power
handheld applications.
The M69KB128AA is supplied by a 1.7 to 1.95V supply voltage range.
The PSRAM interface supports various operating modes: Asynchronous Random Read and
Write, Asynchronous Page Read and Synchronous mode that increases read/write speed.
In Asynchronous Random Read mode, the M69KB128AA is compatible with low power
SRAMs. In Asynchronous Page mode the device has much shorter access times within the
page that make it is compatible with the industry standard PSRAMs.
Two types of Synchronous modes are available:
●
Flash-NOR: the device operates in Synchronous mode for read operations and
Asynchronous mode for write operations.
●
Full Synchronous: the device supports Synchronous transfers for both read and write
operations.
The M69KB128AA features three configuration registers:
●
Two user-programmable registers used to define the device operation: the Bus
Configuration Register (BCR) and the Refresh Configuration Register (RCR).
●
A read-only Device ID Register (DIDR) containing device identification.
The Bus Configuration Register (BCR) indicates how the device interacts with the system
memory bus. The Refresh Configuration Register (RCR) is used to control how the memory
array refresh is performed. At Power-Up, these registers are automatically loaded with default
settings and can be updated any time during normal operation.
PSRAMs are based on the DRAM technology, but have a transparent internal self-refresh
mechanism that requires no additional support from the system memory microcontroller.
To minimize the value of the Standby current during self-refresh operations, the M69KB128AA
includes two system-accessible mechanisms configured via the Refresh Configuration Register
(RCR):
●
The Partial Array Self Refresh (PASR) performs a limited refresh of the part of the PSRAM
array that contains essential data.
●
The Deep Power-Down (DPD) mode completely halts the refresh operation. It is used
when no essential data is being held in the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com