Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M69KB128AA85CW8 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M69KB128AA85CW8
Description  128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69KB128AA85CW8 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M69KB128AA85CW8 Datasheet HTML 12Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 13Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 14Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 15Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 16Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 17Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 18Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 19Page - STMicroelectronics M69KB128AA85CW8 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
5 Standard asynchronous operating modes
M69KB128AA
16/68
Table 2.
Page Mode Characteristics
5.3
Configuration Registers Asynchronous Read and Write
Programming the registers (BCR and RCR) and reading the registers (BCR, RCR and DIDR)
can be performed using the CR controlled method in standard Asynchronous mode.
Page Size
Page Read Address
Page Read Start Address
Page Read Direction
4 Words
A0-A1
Don’t Care
Don’t Care
8 Words
A0-A2
Don’t Care
Don’t Care
16 Words
A0-A3
Don’t Care
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com